Electronic Components Datasheet Search
  English  ▼

X  

SS3H10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS3H10
Description  High Voltage Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3H10 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS3H10 Datasheet HTML 1Page - Vishay Siliconix SS3H10 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008
(0.203)
Max.
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.245 (6.22)
0.220 (5.59)
0.126 (3.20)
0.114 (2.90)
0.103 (2.62)
0.079 (2.06)
Cathode Band
Reverse Voltage 90 to 100V
Forward Current 3.0A
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SS3H9
SS3H10
Unit
Device marking code
MS9
MS10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at: TL = 115°C
IF(AV)
3.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
100
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current at tp = 2.0µs, 1KHZ
IRRM
1.0
A
Critical rate of rise of reverse voltage
dv/dt
10,000
V/µs
Typical thermal resistance – junction to lead TL = 25°C
RθJL
9.7
°C/W
– junction to ambient(2)
RθJA
32
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Maximum instantaneous
IF = 3.0A, TJ = 25°C
VF
0.8
V
forward voltage at:(1)
IF = 3.0A, TJ = 125°C
0.65
Maximum DC reverse current
TJ = 25°C
IR
20
µA
at rated DC blocking voltage
TJ = 125°C
4
mA
Notes: (1) Pulse test: 300µs pulse width, 1% duty cycle
(2) PCB mounted
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low profile surface mount package
• Built-in strain relief
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
• Guardring for overvoltage protection
• High temperature soldering guaranteed:
250°C/10 seconds at terminals
Dimensions in inches
and (millimeters)
Mounting Pad Layout
Mechanical Data
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per
MIL-STD750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 oz., 0.25 g
0.185 MAX.
(4.69 MAX.)
0.126 MIN.
(3.20 MIN.)
0.060 MIN.
(1.52 MIN.)
0.320 REF
DO-214AB
(SMC)
New Product
High Voltage Surface Mount
Schottky Barrier Rectifiers
SS3H9 and SS3H10
Vishay Semiconductors
formerly General Semiconductor
Document Number 88752
www.vishay.com
18-Aug-04
1


Similar Part No. - SS3H10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3H10 VISHAY-SS3H10 Datasheet
95Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H10 VISHAY-SS3H10 Datasheet
87Kb / 5P
High Voltage Surface Mount Schottky Rectifier
28-Apr-14
SS3H10 VISHAY-SS3H10 Datasheet
97Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
17-Dec-12
logo
Infineon Technologies A...
SS3H10-E3/9AT INFINEON-SS3H10-E3/9AT Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

Similar Description - SS3H10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com