Electronic Components Datasheet Search
  English  ▼

X  

P-3000S Datasheet(PDF) 3 Page - Copal Electronics

Part # P-3000S
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-3000S Datasheet(HTML) 3 Page - Copal Electronics

  P-3000S Datasheet HTML 1Page - Copal Electronics P-3000S Datasheet HTML 2Page - Copal Electronics P-3000S Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P-3000S
PRESSURE TRANSDUCERS
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
■ INTERNAL ELECTRICAL SCHEMATICS
■ TERMINAL NUMBER
O Gauge
Absolute type
O Differential type
Pin
Connection
1
Output
B
2
Output
C
3
Input
C
4
Input
B
G
Housing
1
4
2
3
G
10.2
15
21.5
9.52
101
Terminal pin 5 –
0.7
Pressure port
Terminal pin No.
Vent hole
101
17
4
× 2.54
COPAL
A
JAPAN
101
10.5
+1
0
7.62
B
G 42 1
Pressure port B
Pressure port A
Aux. pin
Terminal pin
2 –
0.75
5 –
0.75
Terminal pin No.
1
JAPAN
COPAL
φ
φ
φ
3
Thick film resistors for temp. compensation
Metal housing
G
2 (–)
3 (–)
4 (+)
1 (+)
Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com