Electronic Components Datasheet Search
  English  ▼

X  

MSP103B-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # MSP103B-Z
Description  Pushbutton Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MSP103B-Z Datasheet(HTML) 1 Page - Copal Electronics

  MSP103B-Z Datasheet HTML 1Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSP
Pushbutton Switches
RoHS Compliant
■ Standard Accessories
  《Supplied with switch》
Hex Nut
140008010237
■ SpeciÄcations
Contact specs.
Silver plated contacts
Gold plated contacts
Rating
Max.
3A 125VAC
25mA 20VDC
Initial contact resistance
20m
Ω max.
(1A 2∼4VDC)
20m
Ω max.
(5mA 200μVAC)
Dielectric strength
1,000VAC 1 minute
Insulation resistance
100M
Ω min.
(500VDC)
Electrical life
5,000 operations
Panel thickness : 3.5 mm max.
■Panel Cut-Out Dimensions
■Part Numbering
■Terminal Style
SPST
Switching
function
Part No.
  MSP103B−Z
ON
(OFF)
▲ MSP103BG−Z
Connecting terminals
1
−2
−
  MSP103C−Z
OFF
(ON)
★ MSP103CG−Z
Connecting terminals
−
1
−2
Terminal numbers are not shown on the switch.
Nickel plated
■ Soldering SpeciÄcations
⑴ Manual Soldering
Device:Soldering iron
⑵ 380°
C, 3 seconds, Max.
(ON)
&
(OFF)
:Momentary.
★:Made to order products.
▲:Inquiry products.
MSP 1 03 B G
− Z
Series code
Switching Function
ON
− 
(OFF)
OFF  − 
(ON)
B
C
Code
Code
Poles
Current
Switching Function
Contact plating
G
None
Contact plating
Silver plated
Gold plated


Similar Part No. - MSP103B-Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MSP103B TEC-MSP103B Datasheet
1,004Kb / 7P
Pushbutton Switches, Panel Mount, Wire Lug or PC Tails, 6 Amp
More results

Similar Description - MSP103B-Z

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com