Electronic Components Datasheet Search
  English  ▼

X  

ST7MC1 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 123Page - STMicroelectronics ST7MC1 Datasheet HTML 124Page - STMicroelectronics ST7MC1 Datasheet HTML 125Page - STMicroelectronics ST7MC1 Datasheet HTML 126Page - STMicroelectronics ST7MC1 Datasheet HTML 127Page - STMicroelectronics ST7MC1 Datasheet HTML 128Page - STMicroelectronics ST7MC1 Datasheet HTML 129Page - STMicroelectronics ST7MC1 Datasheet HTML 130Page - STMicroelectronics ST7MC1 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 308 page
background image
ST7MC1/ST7MC2
127/308
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
10.5.9.5 LIN Baud Rate
Baud rate programming is done by writing a value
in the LPR prescaler or performing an automatic
resynchronization as described below.
Automatic Resynchronization
To automatically adjust the baud rate based on
measurement of the LIN Synch Field:
– Write the nominal LIN Prescaler value (usually
depending on the nominal baud rate) in the
LPFR / LPR registers.
– Set the LASE bit to enable the Auto Synchroni-
zation Unit.
When Auto Synchronization is enabled, after each
LIN Synch Break, the time duration between five
falling edges on RDI is sampled on fCPU and the
result of this measurement is stored in an internal
15-bit register called SM (not user accessible)
(See Figure 68). Then the LDIV value (and its as-
sociated LPFR and LPR registers) are automati-
cally updated at the end of the fifth falling edge.
During LIN Synch field measurement, the SCI
state machine is stopped and no data is trans-
ferred to the data register.
10.5.9.6 LIN Slave Baud Rate Generation
In LIN mode, transmission and reception are driv-
en by the LIN baud rate generator
Note: LIN Master mode uses the Extended or
Conventional prescaler register to generate the
baud rate.
If LINE bit = 1 and LSLV bit = 1 then the Conven-
tional and Extended Baud Rate Generators are
disabled: the baud rate for the receiver and trans-
mitter are both set to the same value, depending
on the LIN Slave baud rate generator:
with:
LDIV is an unsigned fixed point number. The man-
tissa is coded on 8 bits in the LPR register and the
fraction is coded on 4 bits in the LPFR register.
If LASE bit = 1 then LDIV is automatically updated
at the end of each LIN Synch Field.
Three registers are used internally to manage the
auto-update of the LIN divider (LDIV):
- LDIV_NOM (nominal value written by software at
LPR/LPFR addresses)
- LDIV_MEAS (results of the Field Synch meas-
urement)
- LDIV (used to generate the local baud rate)
The control and interactions of these registers is
explained in Figure 69 and Figure 70. It depends
on the LDUM bit setting (LIN Divider Update Meth-
od)
Note:
As explained in Figure 69 and Figure 70, LDIV
can be updated by two concurrent actions: a
transfer from LDIV_MEAS at the end of the LIN
Sync Field and a transfer from LDIV_NOM due
to a software write of LPR. If both operations
occur at the same time, the transfer from
LDIV_NOM has priority.
Tx = Rx =
(16*LDIV)
fCPU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com