Electronic Components Datasheet Search
  English  ▼

X  

ST7MC1 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 159Page - STMicroelectronics ST7MC1 Datasheet HTML 160Page - STMicroelectronics ST7MC1 Datasheet HTML 161Page - STMicroelectronics ST7MC1 Datasheet HTML 162Page - STMicroelectronics ST7MC1 Datasheet HTML 163Page - STMicroelectronics ST7MC1 Datasheet HTML 164Page - STMicroelectronics ST7MC1 Datasheet HTML 165Page - STMicroelectronics ST7MC1 Datasheet HTML 166Page - STMicroelectronics ST7MC1 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 308 page
background image
ST7MC1/ST7MC2
163/308
MOTOR CONTROLLER (Cont’d)
10.6.6.11 Speed Sensor Mode
This mode is entered whenever the Tacho Edge
Selection bits in the MPAR register are not both re-
set (TES[1:0] = 01, 10 or 11). The corresponding
block diagram is shown in Figure 88.
Either Incremental Encoder or Tachogenerator-
type speed sensor can be selected with the IS[1:0]
bits in the MPHST register.
10.6.6.12 Tachogenerator Mode (IS[1:0] = 00, 01
or 10)
Any of the MCIx input pins can be used as a tacho-
generator input, with a digital signal (externally
amplified for instance); the two remaining pins can
be used as standard I/O ports.
A digital multiplexer connects the chosen MCIx in-
put to an edge detection block. Input selection is
done with the IS[1:0] bits in the MPHST register.
An edge selection block is used to select one of
three ways to trigger capture events: rising edge,
falling edge or both rising and falling edge sensi-
tive; set-up is done with the TES[1:0] bits (keeping
in mind that TES[1:0] = 00 configuration is re-
served for Position Sensor / Sensorless Modes).
Having only one edge selected eliminates any in-
coming signal dissymmetry, which may due to
pole-to-pole magnet dissymmetry or from a com-
parator threshold with low level signals.
Figure 89 presents the signals generated internal-
ly with different tacho input and TES bit settings.
Note on Hall Sensors: This configuration is also
suitable for motors using 3 hall sensors for position
detection and not driven in six-step mode (refer to
“Speed Measurement Mode” on page 179).
Note on initializing the Input Stage: As the
IS[1:0] bits in the MPHST register are preload bits
(new values taken into account at C event), the in-
itialization value of the IS[1:0] bits has to be en-
tered in Direct Access mode. This is done by set-
ting the DAC bit in the MCRA register during the
speed sensor input initialization routine.
Figure 88. Input Stage in Speed Sensor Mode (TES[1:0] bits = 01, 10, 11)
Inputn Sel
MCIC
MCIA
MCIB
00
01
10
Input Block
Input Comparator Block
Event Detection
MPHST Register
In1
Clk
Encoder
Encoder
interface
Incremental
Direction
In2
Tacho§ or
Encoder
D
or
or
EDIR bit
Clock
Tacho
Capture
TES[1:0]
MPAR Register
MCRC Register
Tacho§ or
Encoder
Tacho§ or
Free I/O
§ = According to IS[1:0] bits setting
IS[1:0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com