Electronic Components Datasheet Search
  English  ▼

X  

ST7MC1 Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 219Page - STMicroelectronics ST7MC1 Datasheet HTML 220Page - STMicroelectronics ST7MC1 Datasheet HTML 221Page - STMicroelectronics ST7MC1 Datasheet HTML 222Page - STMicroelectronics ST7MC1 Datasheet HTML 223Page - STMicroelectronics ST7MC1 Datasheet HTML 224Page - STMicroelectronics ST7MC1 Datasheet HTML 225Page - STMicroelectronics ST7MC1 Datasheet HTML 226Page - STMicroelectronics ST7MC1 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 308 page
background image
ST7MC1/ST7MC2
223/308
MOTOR CONTROLLER (Cont’d)
CONFIGURATION REGISTER (MCONF)
Read/Write
Reset Value: 0000 0010 (02h)
Bits 7:4 = DS[3:0]: Delay for sampling at Ton
These bits are used to define the delay inserted
before sampling in order to sample during PWM
ON time.
Table 77. Sampling Delay
Note: Times are indicated for 4 MHz fPERIPH
Bit 3 = SOI Sampling Out Interrupt flag.
This interrupt indicates that the sampling that
should have been done during Ton has occured
during the next Toff. In this case, the sample is dis-
carded.
0: No Sampling Out Interrupt Pending
1: Sampling Out Interrupt Pending
Bit 2 = SOM: Sampling Out Mask bit.
This interrupt is available only for Z event sampling
as D event sampling is always done at fSCF high
frequency.
0: Sampling Out interrupt disabled
1: Sampling Out interrupt enabled
This interrupt is available only when a delay has
been set in the DS[3:0] bits in the MCONF register.
Note: It is recommended to disable the sampling
out interrupt when software Z event is enabled (SZ
bit in MCRC register is set) and if the value in the
DS[3:0] bits is modified to change the sampling
method during the application.
Bits [1:0] = XT16:XT8 BLDC drive Motor Control
Peripheral input frequency selection:
Table 78. Peripheral frequency
Caution: It is recommended to set the peripheral
frequency to 4MHz. Setting fPERIPH=fMTC is used
mainly when fclk = 4MHz (for low power consump-
tion).
7
6
5
43
21
0
DS3
DS2
DS1
DS0
SOI
SOM
XT16
XT8
DS3 DS2 DS1 DS0
Delay added to sample at Ton
0
0
0
0
No delay added. Sample during Toff
0
0
0
1
2.5 µs
00
10
5 µs
0
0
1
1
7.5 µs
0
1
0
0
10 µs
0
1
0
1
12.5 µs
0
1
1
0
15 µs
0
1
1
1
17.5 µs
1
0
0
0
20 µs
1
0
0
1
22.5 µs
1
0
1
0
25 µs
1
0
1
1
27.5 µs
11
00
30
µs
1
1
0
1
32.5
µs
11
10
35
µs
1
1
1
1
37.5
µs
XT16
XT8
Peripheral frequency
00
fPERIPH=fMTC
01
fPERIPH=fMTC/2
10
fPERIPH=fMTC/4
11
fPERIPH=fMTC/4
(same as XT16=1,XT8=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com