Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 21 Page - Linear Integrated Systems

Part # LT3763
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3763 Datasheet(HTML) 21 Page - Linear Integrated Systems

Back Button LT3763 Datasheet HTML 17Page - Linear Integrated Systems LT3763 Datasheet HTML 18Page - Linear Integrated Systems LT3763 Datasheet HTML 19Page - Linear Integrated Systems LT3763 Datasheet HTML 20Page - Linear Integrated Systems LT3763 Datasheet HTML 21Page - Linear Integrated Systems LT3763 Datasheet HTML 22Page - Linear Integrated Systems LT3763 Datasheet HTML 23Page - Linear Integrated Systems LT3763 Datasheet HTML 24Page - Linear Integrated Systems LT3763 Datasheet HTML 25Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3922
21
3922f
For more information www.linear.com/LT3922
applicaTions inForMaTion
Figure 12. OVLO Threshold and Hysteresis Voltages
Figure 13. EN/UVLO–OVLO Threshold and Hysteresis Voltages
additional hysteresis through the external resistor as the
EN/UVLO pin sinks 2µA current when the EN/UVLO pin
voltage is below the threshold.
On the other hand, the VIN overvoltage lockout (OVLO)
threshold can be accurately set by the external resistor
divider as well. Figure 12 illustrates how to set the rising
OVLO threshold in LT3922. The internal hysteresis of the
OVLO pin is 50mV.
The exposed pad on the bottom of the package must be
soldered to a ground plane. Vias placed directly under the
package are necessary to dissipate heat.
Designing the Printed Circuit Board (PCB)
The output capacitors COUT1 and COUT2 of the LT3922
bypass large switched currents from VOUT to GND (see
Figure 5). The loops travelled by these currents should
be made small as possible to these pins. These output
capacitors, along with the inductor and the input capaci-
tors, should be placed on the same side of the PCB, and
their connections should be made on that layer.
Create a Kelvin ground network by keeping the ground
connection for all of the other components separate.
It should only join the ground for the input and output
capacitors and the return path for the LED current at the
exposed pad.
There are a few other aspects of the board design that
improve performance. An unbroken ground plane on
the second layer dissipates heat, but also reduces noise.
Likewise minimizing the area of the SW and BST nodes
reduces noise. The traces for FB and VC should be kept
short to lessen the susceptibility to noise of these high-
impedance nodes. Matched Kelvin connections from the
external current sense resistor to the ISP and ISN pins
are essential for current regulation accuracy. The 2.2μF
INTVCC and 1µF VREF capacitors as well as the 100nF BST
capacitor should be placed as closely as possible to their
respective pins. Use bypass capacitors for the DC input
nodes such as VIN, CTRL, and PWM (for internal PWM) to
reduce noise. Keep the RT and RP nodes small and away
from noisy signals. Finally, a diode with anode connected
to ground and cathode to the drain of the PWMTG MOS-
FET can protect that device from overvoltage caused by
excessive inductance in the LED string. Please refer to the
demo board layout of the LT3922 for more information.
Both EN/UVLO and OVLO can be set precisely using a
single resistor string consisting of three series resistors.
Figure 13 shows the resistor string and the threshold and
hysteresis voltages for EN/UVLO and OVLO.
Tie EN/UVLO to VIN and tie OVLO to GND if they are not
used. Do not leave these pins open.
Planning for Thermal Shutdown
TheLT3922automaticallystopsswitchingwhentheinternal
temperatureistoohigh.Thetemperaturelimitisguaranteed
to be higher than the operational temperature of the part.
During thermal shutdown, all switching is terminated, SS
is forced low, and the LEDs are disconnected through the
PWMTG driver.
LT3922
3922 F12
OVLO
VIN
R3
R4
RISING THRESHOLD
VIN(OVLO) =1.205V • 1+
R3
R4


FALLING HYSTERESIS
VHYST(OVLO) =50mV • 1+
R3
R4


VIN(UVLO) =1.33V • 1+
R5
R6+R7


VHYST(UVLO) =25mV • 1+
R5
R6+R7


+R5•2µA
VIN(OVLO) =1.205V • 1+
R5+R6
R7


VHYST(OVLO) =50mV • 1+
R5+R6
R7


LT3922
3922 F13
EN/UVLO
VIN
R5
R6
OVLO
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com