Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC4411
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4411 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC4411 Datasheet HTML 1Page - Linear Integrated Systems LTC4411 Datasheet HTML 2Page - Linear Integrated Systems LTC4411 Datasheet HTML 3Page - Linear Integrated Systems LTC4411 Datasheet HTML 4Page - Linear Integrated Systems LTC4411 Datasheet HTML 5Page - Linear Integrated Systems LTC4411 Datasheet HTML 6Page - Linear Integrated Systems LTC4411 Datasheet HTML 7Page - Linear Integrated Systems LTC4411 Datasheet HTML 8Page - Linear Integrated Systems LTC4411 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4419
4
4419f
For more information www.linear.com/LTC4419
Typical perForMance characTerisTics
V1 Current, V2 Powers OUT
Normalized Falling
ADJ Threshold vs Temperature
Normalized CMP1 and CMP2
Falling Thresholds vs Temperature
ADJ Hysteresis vs Temperature
V1 Current, V1 Powers OUT
(IOUT = 0)
V2 Current, V2 Powers OUT
(IOUT = 0)
V2 Current, V1 Powers OUT
Open-Drain (CMPOUT1, CMPOUT2,
V2ON) VOL vs Pull-Down Current
ADJ Leakage vs Temperature
V1 = 1.8V
V1 = 3.6V
V1 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4.5
4419 G01
V2 = 1.8V
V2 = 3.6V
V2 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4419 G02
V1 = V2
–40°C
25°C
85°C
V2 VOLTAGE (V)
0
5
10
15
20
150
200
250
300
350
400
450
4419 G03
V1 = V2
–40°C
25°C
85°C
V2 VOLTAGE (V)
0
5
10
15
20
300
350
400
450
500
550
4419 G04
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4419 G07
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4419 G06
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
40
50
60
70
4419 G08
PULL-DOWN CURRENT (mA)
0.0
0.5
1.0
1.5
2
0
50
100
150
200
250
4419 G05
VADJ = 0V, 1.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.5
1.0
1.5
2.0
2.5
3.0
4419 G09
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com