Electronic Components Datasheet Search
  English  ▼

X  

LT3744 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT3744
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3744 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT3744 Datasheet HTML 1Page - Linear Integrated Systems LT3744 Datasheet HTML 2Page - Linear Integrated Systems LT3744 Datasheet HTML 3Page - Linear Integrated Systems LT3744 Datasheet HTML 4Page - Linear Integrated Systems LT3744 Datasheet HTML 5Page - Linear Integrated Systems LT3744 Datasheet HTML 6Page - Linear Integrated Systems LT3744 Datasheet HTML 7Page - Linear Integrated Systems LT3744 Datasheet HTML 8Page - Linear Integrated Systems LT3744 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3922
2
3922f
For more information www.linear.com/LT3922
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN and EN/UVLO......................................................40V
ISP, ISN, and VOUT ....................................................40V
ISP – ISN .................................................................0.3V
CTRL and FB............................................................3.3V
OVLO, PWM, SYNC/SPRD, and FAULT........................6V
SS and VC ................................................................3.3V
SW............................................................................40V
BST...........................................................................43V
BST – SW ...................................................................3V
INTVCC, VREF, ISMON, PWMTG, RT, and RP......(Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT3922E/LT3922I .................................. –40 to 125°C
LT3922H................................................–40 to 150°C
Storage Temperature Range ......................–60 to 150°C
(Note 1)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25
29
GND
24
14
23
6
5
4
3
2
1
SW
BST
INTVCC
VIN
EN/UVLO
OVLO
VREF
CTRL
GND
VOUT
PWMTG
PWM
RP
SYNC/SPRD
RT
FAULT
7
17
18
19
20
21
22
16
8
15
θJA = 34°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VEN/UVLO = 2V unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3922EUFD#PBF
LT3922EUFD#TRPBF
3922
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3922IUFD#PBF
LT3922IUFD#TRPBF
3922
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3922HUFD#PBF
LT3922HUFD#TRPBF
3922
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.8
36
V
VIN Pin Quiescent Current
VEN/UVLO = 1.5V, Not Switching
VEN/UVLO = 0.1V, Shutdown
2.9
4
1
mA
µA
EN/UVLO Threshold (Falling)
1.260
1.330
1.400
V
EN/UVLO Rising Hysteresis
25
mV
EN/UVLO Pin Current
VEN/UVLO = 1.2V
2
µA
Input OVLO Threshold (Rising)
1.145
1.205
1.265
V
Input OVLO Falling Hysteresis
50
mV
OVLO Pin Current
VOVLO = 1.0V
–100
100
nA
orDer inForMaTion http://www.linear.com/product/LT3922#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com