Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LTC4355 Datasheet HTML 12Page - Linear Integrated Systems LTC4355 Datasheet HTML 13Page - Linear Integrated Systems LTC4355 Datasheet HTML 14Page - Linear Integrated Systems LTC4355 Datasheet HTML 15Page - Linear Integrated Systems LTC4355 Datasheet HTML 16Page - Linear Integrated Systems LTC4355 Datasheet HTML 17Page - Linear Integrated Systems LTC4355 Datasheet HTML 18Page - Linear Integrated Systems LTC4355 Datasheet HTML 19Page - Linear Integrated Systems LTC4355 Datasheet HTML 20Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4419
16
4419f
For more information www.linear.com/LTC4419
Typical applicaTions
Battery Backup with Interface to Low Voltage Logic
SuperCap Backup with SuperCap Charging
R3
365k
5V TO 18V
WALL ADAPTER
3.6V TO 18V
BACKUP
COUT
10µF
R2
88.7k
R6
1M
R7
1M
R9
1M
R1
44.2k
R4
150k
R5
1M
V1
OUT
CMPOUT1
CMPOUT2
V2ON
4419 TA02
ADJ
CMP1
CMP2
GND
LTC4419
V2
C1
10µF
C3
10µF
C2
10µF
IN
OUT
LTC1763-3.3V
SHDN GND
V2ON
V1UV
V2UV
3.3V
SYSTEM
SWITCHOVER THRESHOLD: V1 < 4V (V1 FALLING)
V1UV THRESHOLD: V1 < 4.5V (V1 FALLING)
V2UV THRESHOLD: V2 < 3V (V2 FALLING)
RSN1
0.5
RSN2
0.5
R3
1M
R7
1M
R6
1M
COUT
10µF
SWITCHOVER THRESHOLD: V1 < 4V (V1 FALLING)
V1UV THRESHOLD: V1 < 4.4V (V1 FALLING)
V2UV THRESHOLD: V2 < 3.5V (V2 FALLING)
R2
237k
R1
121k
M1
2N4351
R4B
237k
R13
127k
C2: MURATA DMF3Z5R5H474M3DTA0
R12
12.1k
R8
1M
1.7V TO 5.5V
INPUT
R4A
61.9k
R5
1.87M
V1
V2
OUT
OUT
V1UV
V2UV
CMPOUT1
L1 3.3µH
4.2V
C2
CMPOUT2
ADJ
CMP1
V2ON
4419 TA03
GND
LTC4419
CMP2
940mF
940mF
C1
10µF
C2
120pF
SW2
SW1
LTC3128
GND
VOUT
RSENP
RSENS
MID
IN
PROG
MAXV
FB
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com