Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC4359
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4359 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC4359 Datasheet HTML 1Page - Linear Integrated Systems LTC4359 Datasheet HTML 2Page - Linear Integrated Systems LTC4359 Datasheet HTML 3Page - Linear Integrated Systems LTC4359 Datasheet HTML 4Page - Linear Integrated Systems LTC4359 Datasheet HTML 5Page - Linear Integrated Systems LTC4359 Datasheet HTML 6Page - Linear Integrated Systems LTC4359 Datasheet HTML 7Page - Linear Integrated Systems LTC4359 Datasheet HTML 8Page - Linear Integrated Systems LTC4359 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4419
3
4419f
For more information www.linear.com/LTC4419
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = 3.6V, V2 = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage and Currents
V1, V2
Operating Voltage Range
l
1.8
18
V
IV1
V1 Current, V1 Powering OUT
V1 Current, V2 Powering OUT
IOUT = 0, V1 = 8.4V, V2 = 3.6V
V1 = 8.4V, V2 = 3.6V
l
l
3.6
500
6.3
800
µA
nA
IV2
V2 Current, V2 Powering OUT
V2 Current, V1 Powering OUT
V2 Current in Freshness Seal Mode
IOUT = 0, V1 = 3.6V, V2 = 8.4V
V1 = 3.6V, V2 = 8.4V
V1 = GND, V2 = 5V
l
l
l
3.3
320
120
6
650
220
µA
nA
nA
RON
Switch Resistance
V1 = V2 = 5V, IOUT = –100mA
l
1
2
5
Ω
tVALID(V1)
Input Qualification Time
V1 Rising, ADJ Rising
l
34
64
94
ms
Input Comparators
VTHA
ADJ Threshold
ADJ Falling
l
1.032
1.047
1.062
V
VHYSTA
ADJ Comparator Hysteresis
ADJ Rising
l
30
50
70
mV
VTHC
CMP1, CMP2 Threshold
CMP1, CMP2 Falling
l
0.378
0.387
0.396
V
VHYSTC
CMP1, CMP2 Hysteresis
CMP1, CMP2 Rising
l
7.5
10
12.5
mV
tPDA
ADJ Comparator Falling Response Time
10% Overdrive
l
4
7.3
12
µs
tPDC
CMP1, CMP2 Comparator Response Times
20% Overdrive
l
30
65
µs
Power Path Function
ILIM
Output Current Limit
V1, V2 = 8.4V
l
0.5
1.1
1.6
A
VREV
Reverse Comparator Threshold
(V1, V2) – VOUT for Power Path Turn-On
l
25
50
75
mV
tSWITCH
Break-Before-Make Switchover Time
V1 = V2 = 5V, IOUT < –10mA
l
1
2.5
5
µs
I/O Specifications
VOL
Output Voltage Low, CMPOUT1, CMPOUT2
and V2ON
I = 100µA
I = 1mA
l
l
15
120
50
250
mV
mV
VOH
V2ON Output High Voltage
I = –1µA, V2 = 5V
l
1.05
1.65
2.3
V
IOH
CMPOUT1, CMPOUT2 and V2ON,
Output High Leakage
CMPOUT1, CMPOUT2, V2ON = 18V
l
±50
±150
nA
IPU(V2ON)
V2ON Pull-Up Current
V2 = 5V, ADJ = 0V, V2ON = 0V
l
–2.7
–5
–8
µA
ILEAK
ADJ, CMP1, CMP2 Leakage Current
ADJ, CMP1, CMP2 = 0V, 1.5V
l
±1
±5
nA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: These pins can be tied to voltages down to –5V through a resistor
that limits the current to less than –1mA.
Note 4: The LTC4419 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: The LTC4419 is tested under pulsed load conditions such that
TJ ≈ TA. The junction temperature (TJ in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD in Watts) according to
the formula:
TJ = TA + (PD • θJA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com