Electronic Components Datasheet Search
  English  ▼

X  

ST92185B Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST92185B
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST92185B Datasheet HTML 82Page - STMicroelectronics ST92185B Datasheet HTML 83Page - STMicroelectronics ST92185B Datasheet HTML 84Page - STMicroelectronics ST92185B Datasheet HTML 85Page - STMicroelectronics ST92185B Datasheet HTML 86Page - STMicroelectronics ST92185B Datasheet HTML 87Page - STMicroelectronics ST92185B Datasheet HTML 88Page - STMicroelectronics ST92185B Datasheet HTML 89Page - STMicroelectronics ST92185B Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 178 page
background image
86/178
ST92185B - DISPLAY STORAGE RAM INTERFACE
TDSRAM (Cont’d)
7.3.3 Initialisation
7.3.3.1 Clock Initialisation
Before initialising the TRI, first initialise the pixel
clock. Refer to the Application Examples in the
OSD chapter and to the RCCU chapter for a de-
scription of the clock control registers.
7.3.3.2 TRI Initialisation
It is recommended to wait for a stable clock issued
from the Pixel frequency multiplier before enabling
the TDSRAM interface.
Use the CONFIG register to initialise and start
the TRI. Note: The DON bit can only be changed
while GEN=0
Example:
spp #0x26
ld config, #0x02 ; DON,GEN=0
or config, #0x01 ; set GEN=1
During and after a reset, the TDSRAM interface is
forced into its "disable" mode where the sequencer
is forced into its idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More