| Electronic Components Datasheet Search |
|
SN74LVC2T45DCUTE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCUTE4 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 22 page ![]() SN74LVC2T45 DUALBIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES516E − DECEMBER 2003 − REVISED MAY 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Notes 9 and 10) PARAMETER TEST CONDITIONS VCCA VCCB TA = 25°C −40 °C to 85°C UNIT PARAMETER TEST CONDITIONS VCCA VCCB MIN TYP MAX MIN MAX UNIT IOH = −100 µA, VI = VIH 1.65 V to 4.5 V 1.65 V to 4.5 V VCCO−0.1 IOH = −4 mA, VI = VIH 1.65V 1.65 V 1.2 VOH IOH = −8 mA, VI = VIH 2.3 V 2.3 V 1.9 V VOH IOH = −24 mA, VI = VIH 3 V 3 V 2.4 V IOH = −32 mA, VI = VIH 4.5 V 4.5 V 3.8 IOL = 100 µA, VI = VIL 1.65 V to 4.5 V 1.65 V to 4.5 V 0.1 IOL = 4 mA, VI = VIL 1.65 V 1.65 V 0.45 VOL IOL = 8 mA, VI = VIL 2.3 V 2.3 V 0.3 V VOL IOL = 24 mA, VI = VIL 3 V 3 V 0.55 V IOL = 32 mA, VI = VIL 4.5 V 4.5 V 0.55 II DIR input VI = VCCA or GND 1.65 V to 5.5 V 1.65 V to 5.5 V ±1 ±2 µA Ioff A port VI or VO = 0 to 5.5 V 0 V 0 to 5.5 V ±1 ±2 A Ioff B port VI or VO = 0 to 5.5 V 0 to 5.5 V 0 V ±1 ±2 µA IOZ A or B ports VO = VCCO or GND 1.65 V to 5.5 V 1.65 V to 5.5 V ±1 ±2 µA VI = VCCI or 1.65 V to 5.5 V 1.65 V to 5.5 V 3 ICCA VI = VCCI or GND IO = 0 5 V 0 V 2 µA ICCA GND IO = 0 0 V 5 V 0 µA VI = VCCI or 1.65 V to 5.5 V 1.65 V to 5.5 V 3 ICCB VI = VCCI or GND IO = 0 5 V 0 V 0 µA ICCB GND IO = 0 0 V 5 V 2 µA ICCA + ICCB VI = VCCI or GND IO = 0 1.65 V to 5.5 V 1.65 V to 5.5 V 4 µA A port One A port at VCCA − 0.6 V, DIR at VCCA, B port = OPEN 50 ∆ICCA DIR DIR at VCCA − 0.6 V, B port = OPEN, A port at VCCA or GND 3 V to 5.5 V 3 V to 5.5 V 50 µA ∆ICCB B port One B port at VCCB − 0.6 V, DIR at GND, A port = OPEN 3 V to 5.5 V 3 V to 5.5 V 50 µA Ci DIR input VI = VCCA or GND 3.3 V 3.3 V 2.5 pF Cio A or B ports VO = VCCA/B or GND 3.3 V 3.3 V 6 pF NOTES: 9. VCCO is the VCC associated with the output port. 10. VCCI is the VCC associated with the input port. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |