Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC4411
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4411 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC4411 Datasheet HTML 1Page - Linear Integrated Systems LTC4411 Datasheet HTML 2Page - Linear Integrated Systems LTC4411 Datasheet HTML 3Page - Linear Integrated Systems LTC4411 Datasheet HTML 4Page - Linear Integrated Systems LTC4411 Datasheet HTML 5Page - Linear Integrated Systems LTC4411 Datasheet HTML 6Page - Linear Integrated Systems LTC4411 Datasheet HTML 7Page - Linear Integrated Systems LTC4411 Datasheet HTML 8Page - Linear Integrated Systems LTC4411 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4420
2
4420f
For more information www.linear.com/LTC4420
absoluTe MaxiMuM raTings
Terminal Voltages
V1, V2 ......................................................–15V to 24V
OUT ....................................................... –0.3V to 24V
OUT – V2 .................................................–24V to 39V
OUT – V1 .................................................–24V to 39V
Input Voltages
ADJ, CMP1, V2UV, V2TEST, V2DIS
(Note 3) ................................................ –0.3V to 24V
Output Voltages
CMPOUT1, GNDSW, V2OK (Note 3) ...... –0.3V to 24V
(Notes 1, 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4420CDD#PBF
LTC4420CDD#TRPBF
LGMR
12-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4420IDD#PBF
LTC4420IDD#TRPBF
LGMR
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4420CMSE#PBF
LTC4420CMSE#TRPBF
4420
12-Lead Plastic Exposed Pad MSOP
0°C to 70°C
LTC4420IMSE#PBF
LTC4420IMSE#TRPBF
4420
12-Lead Plastic Exposed Pad MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = 3.6V, V2 = 3.6V unless otherwise noted.
TOP VIEW
13
GND
DD PACKAGE
12-LEAD (3mm
× 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
V2
V2DIS
V2UV
OUT
V2OK
GNDSW
V1
V2TEST
CMP1
ADJ
GND
CMPOUT1 6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
V1
V2TEST
CMP1
ADJ
GND
CMPOUT1
12
11
10
9
8
7
V2
V2DIS
V2UV
OUT
V2OK
GNDSW
TOP VIEW
13
GND
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
Pin Currents (Note 2)
ADJ, CMP1, V2UV, CMPOUT1, GNDSW.............–1mA
V2TEST, V2DIS, V2OK ......................................–1mA
Operating Ambient Temperature Range
LTC4420C................................................ 0°C to 70°C
LTC4420I .............................................–40°C to 85°C
Junction Temperature (Notes 4, 5)........................ 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage and Currents
V1, V2
Operating Voltage Range
l
1.8
18
V
IV1
V1 Current, V1 Powering OUT
V1 Current, V2 Powering OUT
IOUT = 0, V1 = 8.4V, V2 = 3.6V
V1 = 8.4V, V2 = 3.6V
l
l
3.6
500
6.3
800
µA
nA
orDer inForMaTion
(http://www.linear.com/product/LTC4420#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com