Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LTC4355 Datasheet HTML 5Page - Linear Integrated Systems LTC4355 Datasheet HTML 6Page - Linear Integrated Systems LTC4355 Datasheet HTML 7Page - Linear Integrated Systems LTC4355 Datasheet HTML 8Page - Linear Integrated Systems LTC4355 Datasheet HTML 9Page - Linear Integrated Systems LTC4355 Datasheet HTML 10Page - Linear Integrated Systems LTC4355 Datasheet HTML 11Page - Linear Integrated Systems LTC4355 Datasheet HTML 12Page - Linear Integrated Systems LTC4355 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4420
9
4420f
For more information www.linear.com/LTC4420
applicaTions inForMaTion
The LTC4420 is a low quiescent current 2-channel priori-
tizer that powers both its internal circuitry and its output
OUT from a prioritized valid input supply. Unlike an ideal
diode-OR, the LTC4420 does not necessarily draw current
from the highest supply as long as one supply is greater
than 1.8V. Table 1 lists the input supply from which the
LTC4420 draws its internal quiescent current ICC and the
supply to which OUT is connected after input supplies
have been qualified.
A typical battery backup application is shown in Figure 1.
V1 is powered by a 2-cell Li-Ion battery pack whose safe
discharge limit is between 5.6V and 6V. V2 is powered by
a low self discharge 7.6V Li-Thionyl Chloride (Li-SOCl2)
hold-up battery which is completely discharged when its
voltage drops to 6V. Li-SOCL2 battery life is maximized
as very little current is drawn from V2 during normal
operation due to the low duty cycle of V2 monitoring and
the LTC4420’s low V2 standby current. To protect the
2-cell Li-Ion battery on V1, switchover threshold is set
to be ~5.6V. After switchover to V2, the Li-Ion battery
primarily supplies only divider R1-R3’s current as the
LTC4420 draws only a small standby current from V1.
Monitor CMP1 is configured to provide V1 power failure
warning by driving V1UV low when V1 falls below 6V.
Monitor input V2UV is configured to set V2’s UV threshold
to 6V and V2DIS is tied low to disconnect the V2 to OUT
power path when V2 falls below 6V. V2TEST is tied high
to monitor V2 once every 132s. Relevant equations used
to calculate these component values are discussed in the
following subsections.
Figure 1. The LTC4420 Protecting 2-Cell Lithium Battery Packs
on V1 and V2 from Discharge Below Their Safe Minimum Voltage
Setting Switchover and V2 Undervoltage Thresholds
Several factors affect switchover voltage and should be
taken into account when calculating resistor values. These
includeresistortolerance,1.5%ADJcomparatorthreshold
error, divider impedance and worst-case ADJ pin leakage.
These factors also apply to resistive dividers connected
to monitor inputs CMP1 and V2UV. Referring to Figure
1 and the Electrical Characteristics table, the typical V1
switchover threshold:
VSW1=
VTHA
R1
+R2
• R1
+R2+R3
(
)
(1)
Table 1. OUT and LTC4420 ICC Power
INPUT VOLTAGES
V1 > 1.55V
ADJ > 1.097V
V2 > 1.55V
V2DIS > 0.9V
V2UV > 0.397*
ICC SOURCE
OUT CONNECTION
Y†
Y†
X
X
X
V1
V1
Y
N
Y
Y
X
V2
V2
Y
N
Y
N
Y
V2
V2
Y
N
Y
N
N
V1
Hi-Z
Y
N
N
X
X
V1
Hi-Z
N
X
Y
N
N
V2
Hi-Z
N
X
Y
N
Y
V2
V2
N
X
Y
Y
X
V2
V2
N
X
N
X
X
VMAX**
Hi-Z
*Note: Refers to V2UV voltage at the end of the V2 monitoring period.
**Note: VMAX = higher of V1 and V2.
† For 64ms.
+
V1
ADJ
CMP1
V2UV
V1UV
V2
V2UV
GNDSW
4420 F01
R3
1M
V1UV: V1 < 6V (V1 FALLING)
V2UV: V2 < 6V (V2 FALLING)
R6
1M
R7
1M
R8
1M
COUT
10µF
R2
150k
R1
78.7k
OUT
OUT
V2TEST
V2OK
CMPOUT1
V2DIS
LTC4420
GND
R5
4.02M
SWITCHOVER
THRESHOLD: V1 < 5.6V (V1 FALLING)
+ 2-CELL
Li-Ion
7.4V
2-CELL
Li-SOCl2
7.4V
R4
280k
C1
4.7µF
C2
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com