Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LTC4355
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4355 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LTC4355 Datasheet HTML 12Page - Linear Integrated Systems LTC4355 Datasheet HTML 13Page - Linear Integrated Systems LTC4355 Datasheet HTML 14Page - Linear Integrated Systems LTC4355 Datasheet HTML 15Page - Linear Integrated Systems LTC4355 Datasheet HTML 16Page - Linear Integrated Systems LTC4355 Datasheet HTML 17Page - Linear Integrated Systems LTC4355 Datasheet HTML 18Page - Linear Integrated Systems LTC4355 Datasheet HTML 19Page - Linear Integrated Systems LTC4355 Datasheet HTML 20Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4420
16
4420f
For more information www.linear.com/LTC4420
applicaTions inForMaTion
Reverse Voltage Blocking
The LTC4420 blocks reverse voltages on supply pins V1
and V2 up to –15V relative to GND and up to –39V relative
to OUT. Transient voltage suppressors (TVS) connected to
V1 and V2 must be bidirectional and capacitors connected
to these pins must be rated to handle reverse voltages. A
reverse voltage on V2 does not disrupt V1 operation and
vice-versa.
Freshness Seal Mode
Freshness seal mode prevents V2 battery discharge by
keeping V2 disconnected from OUT even if V1 is absent
or invalid. Very little current is drawn from V2—typically
just 120nA. The following sequence (refer to Figure 10)
puts the LTC4420 in freshness seal mode:
1. Power up V2 and V2UV.
2. Once V2OK is asserted high, drive it below 50mV.
3. Power up V1 and ADJ for at least 94ms. Complete steps
2 and 3 within 80s of V2OK asserting high. Freshness
seal is enabled.
Figure 9. Voltage Waveforms When a Brownout on V1
Results in Switchover to V2. Switchover Threshold = 3V
Figure 8. Voltage Waveforms During a Brownout on V1
That Does Not Result in Switchover to V2. Switchover
Threshold = 1.8V
Figure 10. Freshness Seal Engage Procedure
COUT = 10µF
ROUT = 100Ω
100µs/DIV
V1
5V/DIV
V2
5V/DIV
OUT
5V/DIV
4420 F08
100µs/DIV
V1
5V/DIV
V2
5V/DIV
OUT
5V/DIV
4420 F09
COUT = 10µF
ROUT = 100Ω
Engage this mode if V2 is a backup battery either during
storage or during shipment. Once freshness seal has been
engaged, if V1 is disconnected, V2 stays disconnected
from OUT. Freshness seal is automatically disabled the
next time V1 is revalidated. Limit V2OK pin capacitance
to less than 10nF in order to prevent freshness seal mode
from accidentally being engaged.
Design Example
In Figure 11, the LTC4420 prioritizes between a 5V supply
connected to V1 and a 7.4V 2-cell Li-Ion battery con-
nected to V2. The system is designed to switch OUT to
V2 when V1 drops below 4V, provide early power failure
warning when V1 drops below 4.5V and disconnect the
backup battery voltage when it drops below 6V. Maximum
anticipated load current is 100mA and maximum allowed
outputdroopis100mV.Outputrisingslewrateislimitedto
<0.1V/µs and V1 and V2 input capacitances are limited to
10µF to avoid large inrush current. 1% tolerance resistors
are used ADJ, CMP1 and V2UV pin leakages and GNDSW
VOL are ignored as their design impact is small.
V2UV
V2OK
V1
ADJ
V2
1.8V
0.48V
1.8V
1.116V
4420 F10
94ms
FSEAL
ENABLED
DRIVEN LOW
EXTERNALLY
< 80s
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com