Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC4359
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4359 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC4359 Datasheet HTML 1Page - Linear Integrated Systems LTC4359 Datasheet HTML 2Page - Linear Integrated Systems LTC4359 Datasheet HTML 3Page - Linear Integrated Systems LTC4359 Datasheet HTML 4Page - Linear Integrated Systems LTC4359 Datasheet HTML 5Page - Linear Integrated Systems LTC4359 Datasheet HTML 6Page - Linear Integrated Systems LTC4359 Datasheet HTML 7Page - Linear Integrated Systems LTC4359 Datasheet HTML 8Page - Linear Integrated Systems LTC4359 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4420
1
4420f
For more information www.linear.com/LTC4420
Typical applicaTion
FeaTures
DescripTion
18V Dual Input Micropower
PowerPath Prioritizer with
Backup Supply Monitoring
The LTC®4420 is a dual input monolithic PowerPath™
prioritizer, with low operating current, that provides
backup switchover for keeping critical circuitry alive dur-
ing brownout and power loss conditions. Unlike diode-OR
products, little current is drawn from the inactive supply
even if its voltage is greater than the active supply.
Internal 2Ω, current limited PMOS switches provide
powerpathselectionfromaprimaryinput(V1)orabackup
input (V2) to the output. Two adjustable voltage monitors
set via external resistive dividers provide flexibility in set-
ting V1 to V2 switchover and V2 undervoltage thresholds.
V1 is monitored continuously while V2 supply monitoring
includes controllable low duty cycle UV monitoring. When
primary input V1 drops, the ADJ monitor causes OUT to
be switched to V2. When V2 drops, it is disconnected from
OUT if V2DIS is low. Fast non-overlap switchover circuitry
prevents reverse and cross conduction while minimizing
output droop.
Auxiliary voltage monitor CMP1 provides flexible voltage
monitoring and output V2OK provides V2 undervoltage
status.FreshnesssealmodepreventsV2batterydischarge
during storage or shipment.
applicaTions
n
Selects Highest Priority Valid Supply from Two
Inputs
n
Wide 1.8V to 18V Operating Range
n
Internal Dual 2Ω, 0.5A Switches
n
Low 3.6µA Operating Current
n
Low 320nA V2 Current When V1 Connected to OUT
n
Blocks Reverse and Cross Conduction Currents
n
Reverse Supply Protection to –15V
n
Built-In V2 Test with Optional V2 Disconnect
n
V2 Freshness Seal/Ship Mode
n
±1.5% Accurate Adjustable Switchover Threshold
n
±2.3% Accurate V2 Monitor and Comparator
n
Overcurrent and Thermal Protection
n
Thermally Enhanced 12-Pin 3mm
× 3mm
DFN and 12-Lead Exposed Pad MSOP Packages
n
Low Power Battery Backup
n
Portable Equipment
n
Point-of-Sale (POS) Equipment
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
Typical Switchover Waveforms
SWITCHOVER
THRESHOLD
COUT = 10µF
ILOAD = 100mA
V2 MONITORING
INTERVAL
V2 UNDERVOLTAGE
AND DISCONNECT
OUT
20ms/DIV
V1
2V/DIV
V2
2V/DIV
4420 TA01b
+
V1
ADJ
V1UV
V2OK
TYPICAL VALUES:
SWITCHOVER THRESHOLD: V1 < 4V (V1 FALLING)
CMP1
V2
V2UV
GNDSW
1M
1M
1M
OUT
237k
121k
OUT
5V WALL
ADAPTER
CMPOUT1
V2OK
V2DIS
V2TEST
LTC4420
GND
4420 TA01a
4.02M
V1UV THRESHOLD: V1 < 4.4V (V1 FALLING)
V2OK THRESHOLD: V2 < 6V (V2 FALLING)
7.4V
Li-Ion
280k
10µF


Similar Part No. - LTC4359

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4359 LINEAR-LTC4359 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
More results

Similar Description - LTC4359

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
logo
Linear Integrated Syste...
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
18V Dual Input Micropower PowerPath Prioritizer
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com