Electronic Components Datasheet Search
  English  ▼

X  

LM131A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM131A
Description  Precision Voltage-to-Frequency Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM131A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM131A Datasheet HTML 4Page - National Semiconductor (TI) LM131A Datasheet HTML 5Page - National Semiconductor (TI) LM131A Datasheet HTML 6Page - National Semiconductor (TI) LM131A Datasheet HTML 7Page - National Semiconductor (TI) LM131A Datasheet HTML 8Page - National Semiconductor (TI) LM131A Datasheet HTML 9Page - National Semiconductor (TI) LM131A Datasheet HTML 10Page - National Semiconductor (TI) LM131A Datasheet HTML 11Page - National Semiconductor (TI) LM131A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Applications (Continued)
DETAILS OF OPERATION FREQUENCY-TO-
VOLTAGE CONVERTERS
(FIGURES 5 AND 6 )
In these applications a pulse input at fIN is differentiated by
a C-R network and the negative-going edge at pin 6 causes
the input comparator to trigger the timer circuit Just as with
a V-to-F converter the average current flowing out of pin 1
is IAVERAGE e i c (11 RtCt) c f
In the simple circuit of
FIGURE 5 this current is filtered in
the network RL e 100 kX and 1 mF The ripple will be less
than 10 mV peak but the response will be slow with a
01 second time constant and settling of 07 second to
01% accuracy
In the precision circuit an operational amplifier provides a
buffered output and also acts as a 2-pole filter The ripple
will be less than 5 mV peak for all frequencies above 1 kHz
and the response time will be much quicker than in
Figure 5
However for input frequencies below 200 Hz this circuit will
have worse ripple than
Figure 5 The engineering of the filter
time-constants to get adequate response and small enough
ripple simply requires a study of the compromises to be
made Inherently V-to-F converter response can be fast
but F-to-V response can not
TLH5680 – 6
Use stable components with low temperature coefficients
See Typical Applications section
This resistor can be 5 kX or 10 kX for VSe8V to 22V
but must be 10 kX for VSe45V to 8V
Use low offset voltage and low offset current op amps for A1
recommended types LF411A or LF356
FIGURE 4 Precision Voltage-to-Frequency Converter
100 kHz Full-Scale g003% Non-Linearity
TLH5680 – 7
VOUT e fIN c 209V c
RL
RS
c
(RtCt)
Use stable components with low temperature coefficients
FIGURE 5 Simple Frequency-to-Voltage Converter
10 kHz Full-Scale g006% Non-Linearity
VOUT ebfIN c 209V c
RF
RS
c
(RtCt)
TLH5680 – 8
SELECT Rx e
(VS b 2V)
02 mA
Use stable components with low temperature coefficients
FIGURE 6 Precision Frequency-to-Voltage Converter
10 kHz Full-Scale with 2-Pole Filter g001%
Non-Linearity Maximum
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com