Electronic Components Datasheet Search
  English  ▼

X  

ST16C552AIJ68 Datasheet(PDF) 35 Page - Exar Corporation

Part # ST16C552AIJ68
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552AIJ68 Datasheet(HTML) 35 Page - Exar Corporation

Back Button ST16C552AIJ68 Datasheet HTML 31Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 32Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 33Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 34Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 35Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 36Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 37Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 38Page - Exar Corporation ST16C552AIJ68 Datasheet HTML 39Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35
ST16C552/552A
Rev. 3.40
Transmit ready timing in none FIFO mode
STOP
BIT
PARITY
BIT
DATA BITS (5-8)
D0
D1
D2
D3
D4
D5
D6
D7
START
BIT
TX
NEXT
DATA
START
BIT
-TXRDY
T28d
X552-TX-2
-IOW
T27d
BYTE #1
Active
Active
Transmitter ready
Transmitter
not ready
D0-D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39