Electronic Components Datasheet Search
  English  ▼

X  

SN10502DGN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN10502DGN
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10502DGN Datasheet(HTML) 2 Page - Texas Instruments

  SN10502DGN Datasheet HTML 1Page - Texas Instruments SN10502DGN Datasheet HTML 2Page - Texas Instruments SN10502DGN Datasheet HTML 3Page - Texas Instruments SN10502DGN Datasheet HTML 4Page - Texas Instruments SN10502DGN Datasheet HTML 5Page - Texas Instruments SN10502DGN Datasheet HTML 6Page - Texas Instruments SN10502DGN Datasheet HTML 7Page - Texas Instruments SN10502DGN Datasheet HTML 8Page - Texas Instruments SN10502DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VS
18 V
Input voltage, VI
±VS
Output current, IO (2)
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ(3)
150
°C
Maximum junction temperature, continuous
operation, longterm reliability, TJ(4)
125
°C
Operating free-air temperature range, TA
−40
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature
1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) The SN1050x may incorporate a PowerPAD on the underside of
the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure
to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI
technical brief SLMA002 and SLMA004 for more information
about utilizing the PowerPAD thermally enhanced package.
(3) The absolute maximum temperature under any condition is
limited by the constraints of the silicon process.
(4) The maximum junction temperature for continuous operation is
limited
by
package
constraints.
Operation
above
this
temperature may result in reduced reliability and/or lifetime of the
device
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE DISSIPATION RATINGS
PACKAGE
ΘJC
ΘJA(1)
POWER RATING(2)
PACKAGE
ΘJC
(
°C/W)
ΘJA(1)
(
°C/W)
TA ≤ 25°C
TA = 85°C
DBV (5)
55
255.4
391 mW
156 mW
D (8)
38.3
97.5
1.02 W
410 mW
D (14)
26.9
66.6
1.5 W
600 mW
DGK (8)
54.2
260
385 mW
154 mW
DGN (8)
4.7
58.4
1.71 W
685 mW
PWP (14)
2.07
37.5
2.67 W
1.07 W
(1) This data was taken using the JEDEC standard High-K test PCB.
(2) Power rating is determined with a junction temperature of 125°C.
This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance and
long term reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage,
Dual supply
±1.35
±9
Supply voltage,
(VS+ and VS−)
Single
supply
2.7
18
V
Input common-mode
voltage range
VS− + 1.1 VS+ − 1.1
V
PACKAGE/ORDERING INFORMATION
TEMPERATURE
PACKAGED DEVICES
PACKAGE TYPE
TRANSPORT
TEMPERATURE
SINGLE
DUAL
TRIPLE
PACKAGE TYPE
TRANSPORT
MEDIA, QUANTITY
SN10501DBVT
−−−
−−−
SOT−23−5
Tape and Reel, 250
SN10501DBVR
−−−
−−−
SOT−23−5
Tape and Reel, 3000
SN10501DGK
SN10502DGK
−−−
MSOP−8
Rails, 75
SN10501DGKR
SN10502DGKR
−−−
MSOP−8
Tape and Reel, 2500
−40
°C to 85°C
SN10501DGN
SN10502DGN
−−−
MSOP−8−PP
Rails, 75
−40
°C to 85°C
SN10501DGNR
SN10502DGNR
−−−
MSOP−8−PP
Tape and Reel, 2500
SN10501D
SN10502D
SN10503D
SOIC
Rails, 75
SN10501DR
SN10502DR
SN10503DR
SOIC
Tape and Reel, 2500
−−−
−−−
SN10503PWP
TSSOP−14−PP
Rails, 75
−−−
−−−
SN10503PWPR
TSSOP−14−PP
Tape and Reel, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com