Electronic Components Datasheet Search
  English  ▼

X  

DS1200HE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1200HE
Description  Embedded Power for Business-Critical Continuity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1200HE Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1200HE Datasheet HTML 1Page - Artesyn Technologies DS1200HE Datasheet HTML 2Page - Artesyn Technologies DS1200HE Datasheet HTML 3Page - Artesyn Technologies DS1200HE Datasheet HTML 4Page - Artesyn Technologies DS1200HE Datasheet HTML 5Page - Artesyn Technologies DS1200HE Datasheet HTML 6Page - Artesyn Technologies DS1200HE Datasheet HTML 7Page - Artesyn Technologies DS1200HE Datasheet HTML 8Page - Artesyn Technologies DS1200HE Datasheet HTML 9Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 09.26.13
DS1200HE
2 of 9
Embedded Power for
Business-Critical Continuity
Electrical Specifications
OUTPUTS
Main DC Output
MIN
NOM
MAX
Nominal Setting:
-0.50%
12
0.50%
Total Output Regulation Range:
11.4V
12.6V
Dynamic Load Regulation Range:
11.4V
12.6V
Output Ripple:
120mVp-p
Output Current:
0A4
100.0A
Current Sharing:
Within +/-5% of full load rating
Capacitive Loading:
2,000uF
40,000uF
Start-up from AC to Output:
2000ms
Output Rise Time:
5ms
50ms
Standby DC Output (VSB)
Output Setpoint Range:
-1%
3.3V (5.0V)
1%
Total Output Regulation Range:
+5%
-5%
Dynamic Load Regulation Range:
+5%
-5%
Output Ripple:
50mVp-p
Output Current:
0
6.0A (4A)
Current Sharing:
N/A
Capacitive Loading:
0uF
680uF
Start-up from AC to Output:
1000ms
Output Rise Time:
2ms
50ms
PROTECTIONS
Main Output
Over-Current Protection2:
120%
150%
Over-Voltage Protection1:
13.5V
15.0V
Under-Voltage Protection:
10.5V
11.0V
Over-Temperature Protection:
Yes
Fan Fault Protection:
Yes
Standby Output
Over-Current Protection3:
Over-Voltage Protection3:
1Latch mode
2Autorecovery if the overcurrent is less than 130% and last only for <1000ms. Otherwise, latch mode
3Standby protection is auto-recovery
4For output transient testing, the minimum load shall be at 10A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com