Electronic Components Datasheet Search
  English  ▼

X  

DS1200DC Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS1200DC
Description  1200 Watt Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1200DC Datasheet(HTML) 1 Page - Artesyn Technologies

  DS1200DC Datasheet HTML 1Page - Artesyn Technologies DS1200DC Datasheet HTML 2Page - Artesyn Technologies DS1200DC Datasheet HTML 3Page - Artesyn Technologies DS1200DC Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DS1200DC
1200 Watt Distributed Power System
Front-end Bulk Power
Total Output Power:
180 to 264 Vac: 1200 W
3.3 Vdc or 5.0 Vdc Standby Output
Telco Input Range:
-40 to -72 Vdc
SPECIAL FEATURES
ƒ
GR-1089-CORE Issue 4 compliant
ƒ
1U X 2U form factor
ƒ
21.71 W / in3
ƒ
+12 Vdc Output
ƒ
+3.3 Vdc standby (5 V standby option)
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing shares with
DS1200 AC unit (10 - 100% load)
ƒ
Built-in cooling fan (40 mm x 28 mm)
ƒ
I2C communication interface bus
ƒ
PMBus compliant
ƒ
EERPOM for FRU data
ƒ
Red/green bi-color LED status
ƒ
Internal fan speed control
ƒ
Fan Fail Tach Output Signal
ƒ
INTEL, SSI Std. logic timing
ƒ
INTEL, SSI Std. FRU data format
ƒ
Full digital control
ƒ
Two year warranty
ƒ
NEBS compliant
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
NEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CCC
Electrical Specifications
Input
Input range
-40 Vdc to -72 Vdc
Inrush current
ETSI EN300 132-2 part 4.7 compliant
Efficiency
> 85% typical at high line 50% load
Conducted EMI
Per GR-1089-CORE Issue 4
Radiated EMI
Per GR-1089-CORE Issue 4
Leakage current
1.40 mA @ 240 Vac
Hold up time
12 ms minimum
Output
Main DC voltage
+12 V @ 100 A
Standby
+3.3 Vsb @ 6 A (5 V @ 4 A available)
Adjustment range
±5% on +12 V only using I2C
Regulation
+12 Vdc; ±5%
+3.3 or 5.0 Vsb ±5%
Overcurrent
+12 Vdc; latches off if overcurrent lasts over 1 second, otherwise it is auto
recovery (See Table 1 next page) +3.3 Vsb, 9 A max (hiccup mode)
Overvoltage
+12 Vdc; 13.2 - 14.4 Vdc
+3.3 Vsb; 3.76 - 4.30 Vdc
Undervoltage
+12 Vdc; 9 - 10.8 V (latch off)
Turn-on delay
2 second max, 5 - 50 mS, monotonic rise
Main output rise time
5 - 50 mS, monotonic rise
Data Sheet


Similar Part No. - DS1200DC

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
DS1200DC ADVANCEDENERGY-DS1200DC Datasheet
759Kb / 7P
1200 Watt Distributed Power System
02 4.20
More results

Similar Description - DS1200DC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3_11 Datasheet
309Kb / 4P
650 - 850 Watt Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com