Electronic Components Datasheet Search
  English  ▼

X  

DS1200-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1200-3
Description  Distributed Power System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1200-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1200-3 Datasheet HTML 1Page - Artesyn Technologies DS1200-3 Datasheet HTML 2Page - Artesyn Technologies DS1200-3 Datasheet HTML 3Page - Artesyn Technologies DS1200-3 Datasheet HTML 4Page - Artesyn Technologies DS1200-3 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS1200 Series Data Sheet
Logic Control
PS_SEATED (A4):
TTL logic LOW if power supply is seated into system connector. This is a short pin. A logic HIGH if the PSU
is removed
PWR GOOD (C3):
Active TTL high when output is within regulation limits.
AC OK (B1):
A low logic level if the input voltage is within allowable limits. A TTL logic HIGH level, and a 5mS early warn-
ing signal before 12.0 V DC output loss of regulation.
PS_INHIBIT/PS_KILL (B4):
When left open power supply operation will be inhibited. When the power supply is inserted into the system,
this pin will be pull low by the system and turn the power supply on only after all other power supply pins
have seated.
PS ON (A1):
The output will be enabled when this signal is pulled low, below 0.8 V outputs disabled when pin is driven
high or left open.
Environmental Specifications
Operating temperature:
-10° to 50 °C
Storage temperature:
-40 °C to +85 °C
Altitude, operating:
10,000 ft
Electromagnetic susceptibility/Input transients:
-EN61000-3-2, -3-3
-EN61000-4-2, 4.3, 4-4, -4-5, 4-11
-EN55024:1998
RoHS & lead-free compliant:
No tantalum caps.
Humidity:
20 to 90% RH, non-condensing
Shock and vibration specificatons:
Complies with standard operating/non-operating random shock and vibration
MTBF (Demonstrated):
500K Hrs at full load, 25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com