Electronic Components Datasheet Search
  English  ▼

X  

DS1100SLPE Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS1100SLPE
Description  1100 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1100SLPE Datasheet(HTML) 4 Page - Artesyn Technologies

  DS1100SLPE Datasheet HTML 1Page - Artesyn Technologies DS1100SLPE Datasheet HTML 2Page - Artesyn Technologies DS1100SLPE Datasheet HTML 3Page - Artesyn Technologies DS1100SLPE Datasheet HTML 4Page - Artesyn Technologies DS1100SLPE Datasheet HTML 5Page - Artesyn Technologies DS1100SLPE Datasheet HTML 6Page - Artesyn Technologies DS1100SLPE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1100SLPE Data Sheet
Control and Status Signals
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies con# gured in the system for n+n sharing will refer to this bus voltage inorder to
load share.
Voltage Range
The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Input logic level LOW
7.75
8.25
Voltage at 50% load, stand-alone unit
3.85
4.15
Voltage at 0% load, stand-alone unit
0
1.0
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA
Clock and data signals de# ned as per I2C requirements. It is recommended that these pins be pulled-up to a 2.2 kohm resistor to 3.3 V and a 100 pF decoupling
capacitor at the system side.
VL
Input logic level LOW
0.8 V
VH
Input logic level HIGH
2.0 V
3.6 V
Note: All signal noise levels are below 400 mVpk-pk from 0 - 100 MHz.
Electrical Specifications
LED Indicators
A single bi-color LED is used to indicate the power supply status.
Status LED
Fail LED
Color
Green
Amber/Green
No input to PSU
Off
Off
Input present, STBY ON, main output OFF
On
Blinking Amber, at least 1 Hz
Main output ON
On
green
Power supply warning (hi-temp)
On
Blinking Amber/Green, at 2:1 ratio, at least 1 Hz
Power supply warning (slow fan)
Off
Blinking Amber/Green, at 1:1 ratio, at least 1Hz
Power supply failure (OVP, OTP, FAN FAULT)
On
Amber
Firmware Reporting And Monitoring
Accuracy Range
Output loading
<10%
10% to 20%
20% to 100%
Input voltage
±5%
Input current
±1 A fixed error
±10%
±5%
Input power
30 W fixed error up to 120 W
±15%
±10%
Output voltage
±5%
±2%
Output current
0.8 A fixed error
±15%
±5%
Temperature
±5 °C
Fan speed
Actual ±250 RPM
PMBus
YES
Remote ON/OFF
YES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com