Electronic Components Datasheet Search
  English  ▼

X  

DS760SL-3 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DS760SL-3
Description  760 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS760SL-3 Datasheet(HTML) 6 Page - Artesyn Technologies

  DS760SL-3 Datasheet HTML 1Page - Artesyn Technologies DS760SL-3 Datasheet HTML 2Page - Artesyn Technologies DS760SL-3 Datasheet HTML 3Page - Artesyn Technologies DS760SL-3 Datasheet HTML 4Page - Artesyn Technologies DS760SL-3 Datasheet HTML 5Page - Artesyn Technologies DS760SL-3 Datasheet HTML 6Page - Artesyn Technologies DS760SL-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS760SL Series Data Sheet
Pin Out Table
Pin
Signal Name
Pin 1
+12 V
Pin 2
+12 V
Pin 3
Ground
Pin 4
Ground
S1
+12 V Sense
S2
+12 V RTN Sense
S3
+12 V Current Share
S4
SMB_ALERT/L
S5
SDA
S6
SCL*
S7
PSKILL
S8
PSON/L
S9
PW_OK
S10
PS_A1
S11
+5.0 V_STBY
S12
+5.0 V_STBY
S13
Reserved
S14
PRESENT/L
S15
PS_A0
S16
Reserved
S17
Reserved for factory use
S18
EEPROM_WP
S19
ACOK/H
S20
Not used
S21
Not used
S22
Reserved for factory use
S23
+5.0 V_STBY
S24
+5.0 V_STBY
* Supports I2C standard mode (100 kHz) only
Ground
Ground
P2
P1
P4
P3
+12V
+12V
Bottom Side
Top Side
Bottom Row
Top Row
Bottom Row
Top Row
Signal 24 CKT
Plug 1
Plug 2
Signal CKT 13
Signal CKT 1
*Note: The top side of the PSU Output Connector connects with the Bottom Row of the Mating Connector
ex: PSU-S13
Mating Signal Ckt1
Mating Connector - Molex P/N 45984-4343
Output Connector
Mechanical Drawing
Mating Connector Details
P/N
Molex 45984-4343
Current Rating
30
Receptacle Header
Upper & Lower Blades
No. of Contacts
4 Power Contacts,
24 Signal Contacts
Reference
On Power Supply
Mating Connector
or Equivalent
AC Input Connector
IEC60320-C14
IEC60320-C13
Output Connector
MOLEX P/N 4598/4005
MOLEX P/N 45984-4343



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com