Electronic Components Datasheet Search
  English  ▼

X  

DS750PED Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS750PED
Description  750 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS750PED Datasheet(HTML) 3 Page - Artesyn Technologies

  DS750PED Datasheet HTML 1Page - Artesyn Technologies DS750PED Datasheet HTML 2Page - Artesyn Technologies DS750PED Datasheet HTML 3Page - Artesyn Technologies DS750PED Datasheet HTML 4Page - Artesyn Technologies DS750PED Datasheet HTML 5Page - Artesyn Technologies DS750PED Datasheet HTML 6Page - Artesyn Technologies DS750PED Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS750PED Data Sheet
Control and Status Signals
Output Signals
ACOK
Signal used to indicate the presence of AC input to the power supply. A logic level HIGH will indicate that the AC input to the power supply is within the operating
range while a logic level LOW will indicate that AC has been lost.
This is an open collector/drain output. This pin is pulled high by a 1.0 kohm resistor connected to 3.3 V inside the power supply. It is recommended that this pin be
connected to a 100 pF decoupling capacitor and pulled down by a 100 kohm resistor.
MIN
MAX
V
IL
Input logic level LOW
0.6 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin at low state
0.7 mA
PWR_GOOD/PWOK
Signal used to indicate that main output voltage is within regulation range. The PWR_GOOD signal will be driven HIGH when the output voltage is valid and will be
driven LOW when the output falls below the under-voltage threshold.
This signal also gives an advance warning when there is an impending power loss due to loss of AC input or system shutdown request. More details in the Timing Section.
This is an open collector/drain output. This pin is pulled high by a 1.0 kohm resistor connected to 3.3 V inside the power supply. It is recommended that this pin be
connected to a 100 pF decoupling capacitor and pulled down by a 10 kohm resistor.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin at low state
0.7 mA
Output Signals
PS_PRESENT
Signal used to indicate to the system that a power supply is inserted in the power bay. This pin is shorted to the standby return in the power supply. Recommended
pull-up resistor to 12 VSB is 8.2 k with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
PS_INTERRUPT_L
Active low signal used by the power supply to indicate to the system that a change in power supply status has occurred. This event can be triggered by faults such
as OVP, OCP, OTP, and fan fault. This signal can be cleared by a CLEAR_FAULT command. Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k
pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin at low state
4 mA
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies configured in the system for n+n sharing will refer to this bus voltage inorder to
load share.
Voltage Range
The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Vshare at 100% load, stand-alone unit
7.75
8.25
Voltage at 50% load, stand-alone unit
3.85
4.15
Voltage at 0% load, stand-alone unit
0
0.3
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA
Clock and data signals defined as per I2C requirements. It is recommended that these pins be pulled-up to a 2.2 kohm resistor to 3.3 V and a 100 pF decoupling
capacitor at the system side.
VL
Input logic level LOW
0.8 V
VH
Input logic level HIGH
2.0 V
5.0 V
Note: All signal noise levels are below 400 mVpk-pk from 0 - 100 MHz.
I2C Addressing Table: Not applicable. This power supply has a fixed I2C address. In order to support multiple addresses, the system will have to utilize a switcher or an I2C expander.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com