Electronic Components Datasheet Search
  English  ▼

X  

DS460SDC-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS460SDC-3
Description  Total Output Power: 460 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS460SDC-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS460SDC-3 Datasheet HTML 1Page - Artesyn Technologies DS460SDC-3 Datasheet HTML 2Page - Artesyn Technologies DS460SDC-3 Datasheet HTML 3Page - Artesyn Technologies DS460SDC-3 Datasheet HTML 4Page - Artesyn Technologies DS460SDC-3 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS460SDC-3 Data Sheet
Logic Control
PS_PRESENT (S4)
Used to sense the number of power supplies in the system (operational or not) and provide hot plug insertion and
removal functionality by controlling main outputs during hot plug insertion and removal by employing following
circuitry. When the unit is removed from the system the fast shut down signal quickly turns OFF main outputs and
discharges output capacitors. This signal is the shortest gold finger pin on the signal connector to allow for last
make, first break configuration.
PSOK (S6)
Combined indicator of DC input and main 12 V DC output. This is a three level signal to indicate different stages
as follows:
DC not OK and DC not OK – Signal status shall be LOW (< 0.6 V)
DC OK and DC not OK – Signal status shall be LOW (< 0.6 V)
DC OK and DC OK – Signal status shall be HIGH (> 3.0 V)
DC not OK and DC OK – Signal status shall be Middle Level (Between 2 V and 2.5 V)
DC OK threshold is defined as when the 12 V output is greater than 11.5 V
DC not OK threshold is defined as when the 12 V output is less than 11.4 V & greater than 11.3 V
I-Mon (S7)
Provides both the load sharing function (as a feedback for output regulation droop function) and 12 V output
current information.
PS INTERRUPT (S4)
The signal behavior in response to certain operating condition changes in the power supply as defined in the
Firmware Specification section. This signal shall be pulled up to maximum 5 V logic level external to the PS.
PS ON (S8)
Required to remotely turn on/off the power supply. PSON# is an active low signal that turns on the main 12 V DC
output. When this signal is not pulled low by the system, or left open, the 12 V output is turned off. This signal is
pulled to a standby voltage by a pull-up resistor internal to the power supply. Refer to On/Off Timing for timing
diagram in TRN. When in off or standby condition, the main 12 V DC output will be less than 50 mV with respect
to output return.
LED INDICATOR
GREEN = DC input present, 12 V output & 12 V standby in regulation
OFF = Overvoltage, overcurrent, overtemperature, undervoltage protection triggered.
Environmental Specifications
Operating temperature
-10 °C to 50 °C
Storage temperature
-40 °C to +85 °C
Altitude, operating
10,000 ft.
Electromagnetic susceptibility/Input transients
EN61000-4-2, 4-3, 4-4, -4-5, 4-6, 4-11
RoHS & lead-free compliant
No tantalum caps
Humidity
5 to 90% RH, non-condensing
Shock and vibration specificatons
Complies with Astec Std. Specifications, Q3205
MTBF (Demonstrated)
500K Hrs at full load, 50 °C
Ordering Information
Model Number
Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Over
Current
Stand-by
Air Flow
DS460SDC-3
12.3 Vdc
± 0.2%
± 5%
1 A
36.0 A
120 mV
150%
12.0 V @ 2.3 A
STD
DS460SDC-3-001
12.3 Vdc
± 0.2%
± 5%
1 A
36.0 A
120 mV
150%
12.0 V @ 2.3 A
REV
*Overcurrent latches off if overcurrent lasts over 1 second, otherwise it is auto recovery.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com