Electronic Components Datasheet Search
  English  ▼

X  

DS650-5 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS650-5
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS650-5 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS650-5 Datasheet HTML 1Page - Artesyn Technologies DS650-5 Datasheet HTML 2Page - Artesyn Technologies DS650-5 Datasheet HTML 3Page - Artesyn Technologies DS650-5 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DS650/DS850
Distributed Power Bulk Front-End
Total Input
650/850 Watts
Power: +3.3 Vdc Standby Output
Wide Range
90 - 264 Vac
Output Voltage: 12, 24 and 48 V
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Inrush control
ƒ
1U X 2U form factor
ƒ
15.4 W/ in3
ƒ
12 Vdc, 24 Vdc and 48 Vdc output
ƒ
Available in +3.3 V and +5.0 V standby
output versions
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing (10 - 100% load)
ƒ
Built-in cooling fans (40 mm x 28 mm)
ƒ
I2C communication interface bus
ƒ
EEPROM for FRU data
ƒ
Amber/Green bi-color LED status
ƒ
Internal fan speed control
ƒ
Fan Fail Tach output signal
ƒ
One year warranty
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
NEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CCC
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
Frequency
47 - 63 Hz, single phase AC
Inrush current
55 A maximum inrush current
Efficiency
> 82% typical at full load, high line
Conducted EMI
FCC Subpart J EN55022 Class B
Radiated EMI
FCC Subpart J EN55022 Class B
Power factor
0.99 typical
Leakage current
1.40 mA @ 240 Vac
Hold up time
20 ms minimum
Output
Main DC voltage
+12 V @ 52.5 A/70.0 A
+24 V @ 26.3 A/35.0 A
+48 V @ 13.1 A/17.5 A
Standby
+3.3 vsb @ 6 A (5 V @ 4 A available)
Adjustment range
Factory Set, no pot adjustments
Regulation
Main output; +5%/-5%
+3.3 vsb; +5%/-5%
Overcurrent
110% - 150% of nominal Latches off if overcurrent lasts
over 1 second, otherwise it is auto recovery.
+3.3 vsb, 9 A max (hiccup mode)
Over oltage
110% - 120% of nominal
+3.3 vsb; 3.76 - 4.30 Vdc
Undervoltage
75% - 90% of nominal
Turn-on delay
2 Second max, 5 - 50 mS, Monotonic Rise
Main output rise time
5 - 50 mS, Monotonic Rise
Data Sheet


Similar Part No. - DS650-5

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
650 Watts 12V
DS650-9 ASTEC-DS650-9 Datasheet
100Kb / 4P
650 Watts 48V
More results

Similar Description - DS650-5

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com