Electronic Components Datasheet Search
  English  ▼

X  

DS650-9 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS650-9
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS650-9 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS650-9 Datasheet HTML 1Page - Artesyn Technologies DS650-9 Datasheet HTML 2Page - Artesyn Technologies DS650-9 Datasheet HTML 3Page - Artesyn Technologies DS650-9 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS650/DS850 Data Sheet
Logic Control
PS_SEATED
TTL logic LOW if power supply is seated into system connector. This is a short pin. A logic HIGH if the PSU is removed.
PWR GOOD
Active TTL HiIGH when output is within regulation limits.
AC OK
A LOW logic level if the input voltage is within allowable limits. A TTL logic HIGH level, and a 5mS early warningsig-
nal before main output loss of regulation.
Temp OK
A TTL logic HIGH, when operating within allowable temperature range.
PS_INHIBIT/PS_KILL
This signal is connected to a short pin on the PSU
When left open power supply operation will be inhibited. When the power supply is inserted into the system, this pin
will be pull low by the system and turn the power supply on only after all other power supply pins have seated.
Environmental Specifications
Operating temperature:
0 to 50° C, unimpeded airflow
Storage temperature:
-40 °C to +85 °C
Altitude, operating 10,000ft.
Electromagnetic susceptibility/Input transients:
-EN61000-3-2, -3-3
-EN61000-4-2, 4.3, 4-4, -4-5, 4-11
-EN55024: 1998
RoHS & lead-free compliant (no tantalum caps.)
Humidity:
20 to 90% RH, non-condensing
Shock and vibration specificatons complies with Astec Std. Specifications.
MTBF (Demonstrated)
500K Hrs at full load, 40 °C
Ordering Information
Output
Nominal Output
Voltage Set Point
Set Point
Tolerance**
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
DS650-3
12.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
52.5 A
6.0 A
120 mV
50 mV
DS650-5
24.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
26.3 A
6.0 A
240 mV
50 mV
DS650-9
48.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
13.1 A
6.0 A
480 mV
50 mV
DS850-3
12.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
70.0 A
6.0 A
120 mV
50 mV
DS850-5
24.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
35.0 A
6.0 A
240 mV
50 mV
DS850-9
48.0 Vdc
3.3 vsb*
±0.2%
±1%
±5%
±5%
0 A
0 A
17.5 A
6.0 A
480 mV
50 mV
*For 5 vsb, please contact marketing department.
**Set point tolerance is measured at nominal voltage, 50% load and room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com