Electronic Components Datasheet Search
  English  ▼

X  

DS450DC-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS450DC-3
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS450DC-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS450DC-3 Datasheet HTML 1Page - Artesyn Technologies DS450DC-3 Datasheet HTML 2Page - Artesyn Technologies DS450DC-3 Datasheet HTML 3Page - Artesyn Technologies DS450DC-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS450-3/DS550-3 Data Sheet
Logic Control
PS_ON /L(Power supply enable) The power supply output will be enabled when this signal is pulled low (< 0.8 V).
HIGH = Output V1 OFF
LOW = Output V1 ON
VIN_GOOD/H (Input OK)
Active High signal asserted when the input voltage rises above the min input voltage specified.
This signal is internally pulled up through 4.7 K ohms to the 3.3 V housekeeping voltage.
POK/H (Output OK)
Active High signal asserted when the output is within regulation. This signal is internally pulled up through 1.0 K
ohms to the 3.3 V housekeeping voltage.
TACH_1
This open collector signal generates two pulses per each fan revolution. This signal is eternally pulled up to the
housekeeping voltage.
PS_KILL
This signal will cause the output to shut down when drive high (> 24 V) or left floating. The PS_KILL will cause the
output to latch off and requires recycle of PS_ON or DC input to reset.
Environmental Specifications
Operating temperature
+10 °C to +45 °C, able to start-up at -10 °C
Storage temperature
-40 °C to +70 °C
Altitude, operating
10,000 ft.
Electromagnetic susceptibility/Input transients
- EN61000-3-2, -3-3
- EN61000-4-2, 4.3, 4-4, -4-5, 4-11
- EN55024:1998
RoHS & lead-free compliant (no tantalum caps.)
Humidity
20 to 90% RH, non-condensing
Shock and vibration specificatons complies with Astec Std. Specifications.
MTBF (calculated)
500k hours at full load, 25 °C
Ordering Information
Output
Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Over Current
Options
DS450DC-3
12.0 Vdc
3.3 Vsb
± 0.2%
± 1%
+5/-3%
+5/-4%
0 A
0 A
37.0 A
3.0 A
120 mV
60 mV
39.5 - 44.4%
4.9 A Avg, 7 A max
Standard
DS450DC-3-002
12.0 Vdc
3.3 Vsb
± 0.2%
± 1%
+5/-3%
+5/-4%
0 A
0 A
37.0 A
3.0 A
120 mV
60 mV
39.5 - 44.4%
4.9 A Avg, 7 A max
Reverse Air
DS550DC-3
12.0 Vdc
3.3 Vsb
± 0.2%
± 1%
+5/-3%
+5/-4%
0 A
0 A
45.0 A
3.0 A
120 mV
60 mV
48.0A - 54.0A
4.9 A Avg, 7 A max
Standard
DS550DC-3-003
12.0 Vdc
3.3 Vsb
± 0.2%
± 1%
+5/-3%
+5/-4%
0 A
0 A
45.0 A
3.0 A
120 mV
60 mV
48.0A - 54.0A
4.9 A Avg, 7 A max
Reverse Air
*Over current latches off if overcurrent lasts over 1 second, otherwise it is auto recovery.
*For 5 Vsb, please contact marketing department.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com