Electronic Components Datasheet Search
  English  ▼

X  

DS550-3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS550-3
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS550-3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS550-3 Datasheet HTML 1Page - Artesyn Technologies DS550-3 Datasheet HTML 2Page - Artesyn Technologies DS550-3 Datasheet HTML 3Page - Artesyn Technologies DS550-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
DS450-3/DS550-3
Distributed Power Bulk Front-End
Total Output Power: 450 - 550 Watts
+12 Vdc Main Output
+3.3 Vdc Standby Output
Wide Range Input Voltage:
90 - 264 Vac
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Inrush control
ƒ
1U X 2U form factor
ƒ
10.3 W/in3 (DS550) 8.4 W/in3 (DS450)
ƒ
+12 Vdc output
ƒ
+3.3 Vdc standby
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing
ƒ
Built-in cooling fans (40 mm x 28 mm)
ƒ
I2C communication interface bus
ƒ
EEPROM for FRU data
ƒ
Amber LED status, fan_fail
ƒ
Green LED status,
power good/AC_OK status
ƒ
Internal fan speed control
ƒ
Fan fail tach output signal
ƒ
One year warranty
SAFETY
ƒ
UL/cUL 60950 (UL recognized)
ƒ
NEMKO+ CB report EN60950
ƒ
EN60950
ƒ
CE mark
ƒ
China CCC
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
Frequency
47 - 63 Hz, single phase AC
Inrush current
15 A maximum
Efficiency
> 84% typical at full load, high line
Conducted EMI
FCC Subpart J EN55022 Class A
Radiated EMI
FCC Subpart J EN55022 Class A
Power factor
0.99 typical
Leakage current
1.30 mA @ 240 Vac
Hold up time
20 ms minimum
Output
Main DC voltage
+12 V
Standby
+3.3 Vsb
Adjustment range
Factory set, no pot adjustments
Regulation
+12 Vdc; +5%/-3%
+3.3 Vsb; +5%/-4%
Overcurrent
See Table 1 next page
Overvoltage
+12 Vdc; 13.5 - 15 Vdc
+3.3 Vsb; 3.76 - 4.30 Vdc
Undervoltage
+12 Vdc; 11.0 - 11.5 Vdc
+3.3 Vsb; 2.77 - 3.00 Vdc
Turn-on delay
1 second max
+12 V output rise time
2 - 20 mS, monotonic
Data Sheet


Similar Part No. - DS550-3

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS550-3 ASTEC-DS550-3 Datasheet
187Kb / 3P
450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
logo
Emerson Network Power
DS550-3 EMERSON-NETWORKPOWER-DS550-3 Datasheet
180Kb / 3P
Distributed Power System
DS550-3 EMERSON-NETWORKPOWER-DS550-3 Datasheet
372Kb / 4P
Distributed Power System
More results

Similar Description - DS550-3

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com