Electronic Components Datasheet Search
  English  ▼

X  

STV9555 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9555
Description  9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9555 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9555 Datasheet HTML 1Page - STMicroelectronics STV9555 Datasheet HTML 2Page - STMicroelectronics STV9555 Datasheet HTML 3Page - STMicroelectronics STV9555 Datasheet HTML 4Page - STMicroelectronics STV9555 Datasheet HTML 5Page - STMicroelectronics STV9555 Datasheet HTML 6Page - STMicroelectronics STV9555 Datasheet HTML 7Page - STMicroelectronics STV9555 Datasheet HTML 8Page - STMicroelectronics STV9555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STV9555
5/24
5
ELECTRICAL CHARACTERISTICS
Note 1: The STV9555 goes into stand-by mode when Vcc is switched off (<1.5V).
In stand-by mode, Vout is set to low level.
Note 2: Matching measured between each channel.
Note 3: Pulsed current width < 50
µs
Symbol
Parameter
Test Conditions
Min.
Typ
Max
Unit
SUPPLY parameters (VCC = 12V, VDD = 110V, Tamb = 25 °C, unless otherwise specified)
VDD
High supply voltage
20
110
115
V
VCC
Low supply voltage
10
12
15
V
IDD
VDD supply current
VOUT = 50V
15
mA
IDDS
VDD stand-by supply current
VCC : switched off (<1.5V)
VOUT: low (Note 1)
60
µA
ICC
VCC supply current
VOUT = 50V
40
mA
STATIC parameters (VCC = 12V, VDD = 110V, Tamb = 25 °C)
VOUT
DC outpout voltage
VIN = 1.90V
77
80
83
V
dVOUT/dVDD
High voltage supply rejection
VOUT = 50V
0.5
%
dVOUT/dT
Output voltage drift versus temperature
VOUT = 80V
15
mV/°C
d
∆V
OUT/dT
Output voltage matching versus
temperature (Note 2)
VOUT = 80V
1
mV/°C
RIN
Video input resistor
VOUT = 50V
2
k
Ω
VSATH
Output saturation voltage to supply
I0 =-40mA (Note 3)
VDD - 6.5
V
VSATL
Output saturation voltage to GND
I0 =40mA (Note 3)11
V
G
Video gain
VOUT = 50V
20
LE
Linearity error
17 V<VOUT<VDD-15 V
3
8
%
VREF
Internal voltage reference
5.6
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com