Electronic Components Datasheet Search
  English  ▼

X  

DA-C8 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DA-C8
Description  Total Power: 12 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA-C8 Datasheet(HTML) 6 Page - Artesyn Technologies

  DA-C8 Datasheet HTML 1Page - Artesyn Technologies DA-C8 Datasheet HTML 2Page - Artesyn Technologies DA-C8 Datasheet HTML 3Page - Artesyn Technologies DA-C8 Datasheet HTML 4Page - Artesyn Technologies DA-C8 Datasheet HTML 5Page - Artesyn Technologies DA-C8 Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DA12-M Series Data Sheet
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
DA12-M Series-DS 11.13.14
Ordering Information - DA12 Adapter
Model Number
Maximum Power Output Voltage
Minimum Load
Maximum Load
Regulation2
Ripple P/P
(PARD)3
DA12-120US-M
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-120EU-M
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-120UK-M
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-120AU-M
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-120MP-M*
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-120MP-M2.1**
12 W
12.0 V
0.2 A
1.0 A
± 5%
120 mV
DA12-050US-M
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050EU-M
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050UK-M
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050AU-M
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050MP-M*
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050MP-M2.1**
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV4
DA12-050MP-M402***
10 W
5.0 V
0.2 A
2.0 A
± 5%
50 mV
* Interchangeable version - AC Plugs must be purchased separately to be used with DA12-120MP-M and DA12-050MP-M
** 2.1 mm x 5.5 mm barrel plug
*** μ USB Connector
Ordering Information - DA12 Interchangeable Plug
Model Number
DA-US
DA-C8
DA-EU
DA-JP
DA-UK
DA-CH
DA-AU
DA-KR
DA-All (Includes DA-US, DA-EU, DA-UK, and DA-AU)
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 mHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. DA12-050XX model power supplies will operate with no-load, However under 0.1A Load Output ripple will exceed 50mV.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com