Electronic Components Datasheet Search
  English  ▼

X  

SN1050 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN1050
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN1050 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN1050 Datasheet HTML 3Page - Texas Instruments SN1050 Datasheet HTML 4Page - Texas Instruments SN1050 Datasheet HTML 5Page - Texas Instruments SN1050 Datasheet HTML 6Page - Texas Instruments SN1050 Datasheet HTML 7Page - Texas Instruments SN1050 Datasheet HTML 8Page - Texas Instruments SN1050 Datasheet HTML 9Page - Texas Instruments SN1050 Datasheet HTML 10Page - Texas Instruments SN1050 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
7
Figure 10
−2
−1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
FREQUENCY RESPONSE
RL = 499 Ω
RF = 1.5 kΩ
VO = 100 mVPP
VS = 5 V
Gain = 2
Gain = 1
Figure 11
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
VS = 5 V
VS = ±5 V
f − Frequency − Hz
FREQUENCY RESPONSE
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VO = 2 VPP
VS = ±5 V
Figure 12
0
200
400
600
800
1000
1200
0
1
2
345
678
Rise
Fall
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VS = ±5 V
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Figure 13
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = 2
RL = 150 Ω
RF = 1 kΩ
VS = 5 V
Fall
Rise
Figure 14
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1
100
0.1
10
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 2
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
Figure 15
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 2
RL = 150 Ω
VO = 2 VPP
VS = 5 V
Figure 16
1
10
100
1 k
10 k
100 k
1 M
10 M
0.1
1
10
Vn
In
f − Frequency − Hz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
Figure 17
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1
23
45
Number of Loads − 150
Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case
±100
IRE Ramp
VS = 5 V
VS = ±5 V
Figure 18
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
5
Number of Loads − 150
Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case
±100 IRE Ramp
VS = ±5 V
VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com