Electronic Components Datasheet Search
  English  ▼

X  

LM358MX Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM358MX
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358MX Datasheet(HTML) 3 Page - ON Semiconductor

  LM358MX Datasheet HTML 1Page - ON Semiconductor LM358MX Datasheet HTML 2Page - ON Semiconductor LM358MX Datasheet HTML 3Page - ON Semiconductor LM358MX Datasheet HTML 4Page - ON Semiconductor LM358MX Datasheet HTML 5Page - ON Semiconductor LM358MX Datasheet HTML 6Page - ON Semiconductor LM358MX Datasheet HTML 7Page - ON Semiconductor LM358MX Datasheet HTML 8Page - ON Semiconductor LM358MX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM258, LM358, LM358A, LM358E, LM2904, LM2904A, LM2904E, LM2904V, NCV2904
www.onsemi.com
3
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
32
±16
Vdc
Input Differential Voltage Range (Note 1)
VIDR
±32
Vdc
Input Common Mode Voltage Range
VICR
−0.3 to 32
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction−to−Air (Note 2)
Case 846A
Case 751
Case 626
RqJA
238
212
161
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Ambient Temperature Range
LM258
LM358, LM358A, LM358E
LM2904, LM2904A, LM2904E
LM2904V, NCV2904 (Note 3)
TA
−25 to +85
0 to +70
−40 to +105
−40 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Split Power Supplies.
2. All RqJA measurements made on evaluation board with 1 oz. copper traces of minimum pad size. All device outputs were active.
3. NCV2904 is qualified for automotive use.
ESD RATINGS
Rating
HBM
MM
Unit
ESD Protection at any Pin (Human Body Model − HBM, Machine Model − MM)
NCV2904 (Note 3)
LM358E, LM2904E
LM358DG/DR2G, LM2904DG/DR2G
All Other Devices
2000
2000
250
2000
200
200
100
200
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com