Electronic Components Datasheet Search
  English  ▼

X  

THS3110 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3110 Datasheet HTML 9Page - Texas Instruments THS3110 Datasheet HTML 10Page - Texas Instruments THS3110 Datasheet HTML 11Page - Texas Instruments THS3110 Datasheet HTML 12Page - Texas Instruments THS3110 Datasheet HTML 13Page - Texas Instruments THS3110 Datasheet HTML 14Page - Texas Instruments THS3110 Datasheet HTML 15Page - Texas Instruments THS3110 Datasheet HTML 16Page - Texas Instruments THS3110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±5 V)
100 M
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
1 G
f - Frequency - Hz
G = -1, RF = 1 kΩ
G = -10, RF = 649 Ω
G = -5, RF = 909 Ω
G = -2, RF = 1.1 kΩ
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±5 V
100 M
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
1 G
f − Frequency − Hz
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±5 V
G = 10, RF = 604 Ω
G = 5, RF = 806 Ω
G = 2, RF = 1.15 kΩ
G = 1, RF = 1.5 kΩ
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
100 k
1 M
10 M
100 M
Gain = 2,
RF = 1.15 kΩ,
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±5 V
f - Frequency - Hz
-4
-2
0
2
4
6
8
10
12
14
16
1
10 M
100 M
1 G
f - Frequency - Hz
G = -5, RF = 909 Ω
G =-12, RF = 1 kΩ
VO = 2 VPP,
RL = 100 Ω,
VS = ±5 V
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 5, RF = 806 Ω
G = 2, RF = 1.15 kΩ
VO = 4 VPP,
RL = 100 Ω,
VS = ±5 V
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5 3
3.5 4
4.5 5
VO - Output Voltage -VPP
Gain = 1
RL = 100 Ω
RF = 1.5 kΩ
VS = ±5 V
Fall
Rise
0
100
200
300
400
500
600
700
800
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VO - Output Voltage -VPP
Gain = 1
RL = 1 kΩ
RF = 1.5 kΩ
VS = ±5 V
Fall
Rise
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
VO - Output Voltage -VPP
Gain = 2
RL = 1 kΩ
RF = 1 kΩ
VS = ±5 V
Fall
Rise
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
VO - Output Voltage -VPP
Gain = 2
RL = 100 Ω
RF = 1 kΩ
VS = ±5 V
Fall
Rise
THS3110, THS3111
SLOS422A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
NONINVERTING SMALL SIGNAL
INVERTING SMALL SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
0.1 dB FLATNESS
Figure 30.
Figure 31.
Figure 32.
SLEW RATE
NONINVERTING LARGE SIGNAL
INVERTING LARGE SIGNAL
vs
FREQUENCY RESPONSE
FREQUENCY RESPONSE
OUTPUT VOLTAGE STEP
#IMPLIED #IMPLIED.
#IMPLIED #IMPLIED.
Figure 33.
SLEW RATE
SLEW RATE
SLEW RATE
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
Figure 34.
#IMPLIED #IMPLIED.
#IMPLIED #IMPLIED.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com