Electronic Components Datasheet Search
  English  ▼

X  

ERM02H110 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ERM02H110
Description  Total Power: 50 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM02H110 Datasheet(HTML) 1 Page - Artesyn Technologies

  ERM02H110 Datasheet HTML 1Page - Artesyn Technologies ERM02H110 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
ERM50 Series
50 Watts
Total Power: 50 W
Input Voltage: 72 or 110 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
Small 57.9 x 36.8 x12.7 mm package
ƒ
Input ranges 43 - 101 Vdc or
66 - 160 Vdc
ƒ
High efficiency up to 92%
ƒ
No minimum load requirement
ƒ
Operating temperature range
-40 °C to +85 °C
ƒ
Reinforced insulation 3000 VAC rms
ƒ
Undervoltage shutdown
ƒ
Remote On/Off
ƒ
Metal case with isolated baseplate
ƒ
Vibration and thermal shock
to EN61373
ƒ
Safety meets EN60950-1 and Railway
Standard EN50155 (IEC60571) and
EN50121-3-2
ƒ
EN45545-2 flammability
SAFETY
ƒ
cUL/UL 60950-1
ƒ
IEC/EN 60950-1
ƒ
IEC/EN 50155
ƒ
CE Mark
Electrical Specifications
Input
Input range
43 - 101 Vdc; 66 - 160 Vdc
Efficiency
92% @ 12 Vo
Output
Voltage tolerance
±1.0%
Line regulation
±0.2%
Load regulation
±0.3%
Noise/ripple
24 V model: 150 mV, other models: 100 mV
Overload protection
150% typ of Io max, hiccup
Short circuit protection
Hiccup mode
Switching frequency
320 KHz
Isolation
I/O isolation
Reinforced insulation, 3000 Vac rms; I/Case. O/Case: 1500 Vdc
Insulation resistance
1000 Mohm
Insulation capacitance
3000 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-55 °C to +125 °C
Humidity
5% to 95% non-condensing
MTBF
472 Khrs calculated


Similar Part No. - ERM02H110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ERM02A110 ARTESYN-ERM02A110 Datasheet
578Kb / 4P
Fire potection meets EN45545-2
ERM02A110B ARTESYN-ERM02A110B Datasheet
578Kb / 4P
Fire potection meets EN45545-2
ERM02A18 ARTESYN-ERM02A18 Datasheet
578Kb / 4P
Fire potection meets EN45545-2
ERM02A18B ARTESYN-ERM02A18B Datasheet
578Kb / 4P
Fire potection meets EN45545-2
ERM02A36 ARTESYN-ERM02A36 Datasheet
578Kb / 4P
Fire potection meets EN45545-2
More results

Similar Description - ERM02H110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVD50B-48S3V3TL ARTESYN-AVD50B-48S3V3TL Datasheet
630Kb / 3P
Total Power: 50 Watts
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
Total Power: 66 - 100 W
AYA01F05-L ARTESYN-AYA01F05-L Datasheet
454Kb / 3P
Total Power: 3 W
AXA06F18-L ARTESYN-AXA06F18-L Datasheet
514Kb / 2P
Total Power: 25 W
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
Total Power: 10 W
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
Total Power: Up to 1500 W
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
logo
STMicroelectronics
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com