Electronic Components Datasheet Search
  English  ▼

X  

TLV2760 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2760
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2760 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2760 Datasheet HTML 1Page - Texas Instruments TLV2760 Datasheet HTML 2Page - Texas Instruments TLV2760 Datasheet HTML 3Page - Texas Instruments TLV2760 Datasheet HTML 4Page - Texas Instruments TLV2760 Datasheet HTML 5Page - Texas Instruments TLV2760 Datasheet HTML 6Page - Texas Instruments TLV2760 Datasheet HTML 7Page - Texas Instruments TLV2760 Datasheet HTML 8Page - Texas Instruments TLV2760 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2760 and TLV2761 AVAILABLE OPTIONS
V
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
SOT-23
PLASTIC DIP
AT 25 C
(D)†
(DBV)‡
SYMBOL
(P)
0
°C to 70°C
3500
µV
TLV2760CD
TLV2761CD
—
—
—
—
—
—
– 40
°C to 85°C
3500
µV
TLV2760ID
TLV2761ID
TLV2760IDBV
TLV2761IDBV
VANI
VAXI
TLV2760IP
TLV2761IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2760CDR).
‡ This package is only available taped and reeled. For standard quantities (3,000 pieces per reel), add an R suffix (i.e., TLV2760CDBVR). For
smaller quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g. TLV2760CDBVT).
TLV2762 and TLV2763 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
AT 25 C
OUTLINE
(D)†
DGK†
SYMBOL
DGS†
SYMBOL
DIP
(N)
DIP
(P)
0
°C to 70°C
3500
µV
TLV2762CD
TLV2763CD
—
—
—
—
—
—
—
—
—
—
—
—
– 40
°C to 85°C
3500
µV
TLV2762ID
TLV2763ID
TLV2762IDGK
—
xxTIAJP
—
—
TLV2763IDGS
—
xxTIAJR
—
TLV2763IN
TLV2762IP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2762CDR).
TLV2764 and TLV2765 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PW)†
0
°C to 70°C
3500
µV
TLV2764CD
TLV2765CD
—
—
—
—
– 40
°C to 85°C
3500
µV
TLV2764ID
TLV2765ID
TLV2764IN
TLV2765IN
TLV2764IPW
TLV2765IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2764CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com