Electronic Components Datasheet Search
  English  ▼

X  

BA3472FVT Datasheet(PDF) 23 Page - Rohm

Part # BA3472FVT
Description  High Speed with High Voltage Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVT Datasheet(HTML) 23 Page - Rohm

Back Button BA3472FVT Datasheet HTML 19Page - Rohm BA3472FVT Datasheet HTML 20Page - Rohm BA3472FVT Datasheet HTML 21Page - Rohm BA3472FVT Datasheet HTML 22Page - Rohm BA3472FVT Datasheet HTML 23Page - Rohm BA3472FVT Datasheet HTML 24Page - Rohm BA3472FVT Datasheet HTML 25Page - Rohm BA3472FVT Datasheet HTML 26Page - Rohm BA3472FVT Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
23/36
11.Jul.2014 Rev.004
TSZ22111・15・001
BA3472xxx
BA3472RFVM
BA3474xxx
BA3474RFV
VH
VL
Δ t
ΔV
出力電圧波形
時間
電圧
Output Voltage Waveform
time
Voltage
Input Voltage Waveform
time
VH
VL
Voltage
90%
10%
Figure 49. Test circuit 2 (one channel only)
Figure 50. Slew rate input output wave
Figure 51. Test circuit 3 (Channel Separation)
VCC
VEE
R1
V
R2
R1//R2
VOUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT2
OTHER
CH
CS=20 × log
100 × VOUT1
VOUT2
SW1
SW2
SW3
-
+
SW10
SW11
SW12
A
VIN-
VIN+
RL
VCC
VEE
SW9
~
~
SW6
SW7
SW8
~
CL
SW13
SW14
A
V
VOUT
RS
SW5
SW4
V
R1
R2
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com