Electronic Components Datasheet Search
  English  ▼

X  

LM358F Datasheet(PDF) 19 Page - Rohm

Part # LM358F
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358F Datasheet(HTML) 19 Page - Rohm

Back Button LM358F Datasheet HTML 15Page - Rohm LM358F Datasheet HTML 16Page - Rohm LM358F Datasheet HTML 17Page - Rohm LM358F Datasheet HTML 18Page - Rohm LM358F Datasheet HTML 19Page - Rohm LM358F Datasheet HTML 20Page - Rohm LM358F Datasheet HTML 21Page - Rohm LM358F Datasheet HTML 22Page - Rohm LM358F Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
19/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Typical Performance Curves - continued
○LM324xxx, LM2902xxx
Figure 46. Input Bias Current vs Ambient
Temperature (VCC=30V, VICM=28V, EK=-1.4V)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
255075
100 125 150
Ambient Temperature [°C]
Figure 47. Input Offset Voltage vs
Common-mode Input Voltage (VCC=5V)
Figure 48. Input Offset Current vs Supply
Voltage (VICM=VCC/2, EK=-VCC/2)
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
10
203040
Supply Voltage [V]
-40°C
25°C
85°C
125°C
Figure 49. Input Offset Current vs Ambient
Temperature (VICM=VCC/2, EK=-VCC/2)
(*) The above data are measurement value of typical sample, they are not guaranteed.
LM324xxx: -40°C to +85°C
LM2902xxx: -40°C to 125°C
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
255075
100 125 150
Ambient Temperature [°C]
5V
36V
3V
-4
-3
-2
-1
0
1
2
3
4
-1
01
234
5
Common-mode Input Voltage [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com