Electronic Components Datasheet Search
  English  ▼

X  

AC182015-3 Datasheet(PDF) 17 Page - Microchip Technology

Part # AC182015-3
Description  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-3 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AC182015-3 Datasheet HTML 13Page - Microchip Technology AC182015-3 Datasheet HTML 14Page - Microchip Technology AC182015-3 Datasheet HTML 15Page - Microchip Technology AC182015-3 Datasheet HTML 16Page - Microchip Technology AC182015-3 Datasheet HTML 17Page - Microchip Technology AC182015-3 Datasheet HTML 18Page - Microchip Technology AC182015-3 Datasheet HTML 19Page - Microchip Technology AC182015-3 Datasheet HTML 20Page - Microchip Technology AC182015-3 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Getting Started
© 2011-2012 Microchip Technology Inc.
DS70664B-page 17
3. If Windows is unable to find the hardware for the device, then click Back and
select Install from a list or specific location (Advanced).
a) The driver for ZENA Wireless Adapter – 2.4 GHz MRF24J40 is located in the
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 2.4 GHz MRF24J40\” folder.
b) The driver for ZENA Wireless Adapter – 868 MHz MRF89XA is located in the
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 868 MHz MRF89XA\” folder.
c) The driver for ZENA Wireless Adapter – 915 MHz MRF89XA is located in the
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 915 MHz MRF89XA\” folder.
4. After installing the driver, if Windows prompts the following Dynamic Linked
Libraries (DLLs): WinUSBCoInstaller2.dll, WdfCoInstaller01009.dll and
WUDFUpdate_01009.dll as shown in Figure 2-3:
a) If installing in a Windows 32-bit system, point the folder location to
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 2.4 GHz MRF24J40\i386\”
(or)
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 868 MHz MRF89XA\i386\”
(or)
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 915 MHz MRF89XA\i386\”
b)
If installing in a Windows 64-bit system, point the folder location to
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 2.4 GHz MRF24J40\amd64\”
(or)
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 868 MHz MRF89XA\amd64\”
(or)
“Wireless Development Studio\Driver and Inf\ZENA Wireless
Adapter 915 MHz MRF89XA\amd64\”
Note: Default installation location for WDS on Windows is C:\Program
Files\Microchip\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com