Electronic Components Datasheet Search
  English  ▼

X  

TPS61070 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61070 Datasheet HTML 10Page - Texas Instruments TPS61070 Datasheet HTML 11Page - Texas Instruments TPS61070 Datasheet HTML 12Page - Texas Instruments TPS61070 Datasheet HTML 13Page - Texas Instruments TPS61070 Datasheet HTML 14Page - Texas Instruments TPS61070 Datasheet HTML 15Page - Texas Instruments TPS61070 Datasheet HTML 16Page - Texas Instruments TPS61070 Datasheet HTML 17Page - Texas Instruments TPS61070 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
DESIGN PROCEDURE
Programming the Output Voltage
R1 + R2
V
O
V
FB
* 1 + 180 kW
V
O
500 mV *
1
(1)
C
parR1 +
3 pF
200 kW
R2
* 1
(2)
SW
C1
Power
Supply
L1
VBAT
VOUT
FB
C2
EN
GND
TPS61070
VCC
BoostOutput
R1
R2
Inductor Selection
I
L +
I
O
VOUT
VBAT
0.8
(3)
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
The TPS6107x dc/dc converters are intended for systems powered by a single-cell, up to triple-cell alkaline,
NiCd, NiMH battery with a typical terminal voltage between 0.9 V and 5.5 V. They can also be used in systems
powered by one-cell Li-ion or Li-polymer with a typical voltage between 2.5 V and 4.2 V. Additionally, any other
voltage source with a typical output voltage between 0.9 V and 5.5 V can power systems where the TPS6107x
is used. Due to the nature of boost converters, the output voltage regulation is only maintained when the input
voltage applied is lower than the programmed output voltage.
The output voltage of the TPS6107x dc/dc converter can be adjusted with an external resistor divider. The
typical value of the voltage at the FB pin is 500 mV. The maximum recommended value for the output voltage is
5.5 V. The current through the resistive divider should be about 100 times greater than the current into the FB
pin. The typical current into the FB pin is 0.01 µA, and the voltage across R2 is typically 500 mV. Based on
those two values, the recommended value for R2 should be lower than 500 k
Ω, in order to set the divider current
at 1 µA or higher. Because of internal compensation circuitry, the value for this resistor should be in the range of
200 k
Ω. From that, the value of resistor R1, depending on the needed output voltage (V
O), can be calculated
using Equation 1:
If as an example, if an output voltage of 3.3 V is needed, a 1.0 M
Ω resistor should be chosen for R1. If for any
reason the value chosen for R2 is significantly lower than 200 k
Ω, additional capacitance in parallel to R1 is
recommended, in case the device shows instable regulation of the output voltage. The required capacitance
value can be calculated using Equation 2:
Figure 23. Typical Application Circuit for Adjustable Output Voltage Option
A boost converter normally requires two main passive components for storing energy during the conversion. A
boost inductor and a storage capacitor at the output are required. To select the boost inductor, it is
recommended to keep the possible peak inductor current below the current limit threshold of the power switch in
the chosen configuration. For example, the current limit threshold of the TPS6107x's switch is 600 mA. The
highest peak current through the inductor and the switch depends on the output load, the input (VBAT), and the
output voltage (VOUT). Estimation of the maximum average inductor current can be done using Equation 3:
For example, for an output current of 75 mA at 3.3 V, at least 340 mA of average current flows through the
inductor at a minimum input voltage of 0.9 V.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com