Electronic Components Datasheet Search
  English  ▼

X  

TLV2760IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2760IDBVT
Description  FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2760IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2760IDBVT Datasheet HTML 8Page - Texas Instruments TLV2760IDBVT Datasheet HTML 9Page - Texas Instruments TLV2760IDBVT Datasheet HTML 10Page - Texas Instruments TLV2760IDBVT Datasheet HTML 11Page - Texas Instruments TLV2760IDBVT Datasheet HTML 12Page - Texas Instruments TLV2760IDBVT Datasheet HTML 13Page - Texas Instruments TLV2760IDBVT Datasheet HTML 14Page - Texas Instruments TLV2760IDBVT Datasheet HTML 15Page - Texas Instruments TLV2760IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUT DOWN
SLOS326D – JUNE 2000 – REVISED FEBRUARY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
0
0.5
1
1.5
2
2.5
010
20
30
4050
60 70
80 90
0.5
1
1.5
2
2.5
t – Time –
µs
INVERTING LARGE-SIGNAL RESPONSE
vs
TIME
VDD = 2.4 V
AV = 1
RL = 300 kΩ
CL = 10 pF
TA = 25°C
VO
0
VI
Figure 24
t – Time –
µs
INVERTING SMALL-SIGNAL PULSE RESPONSE
vs
TIME
VDD = 2.4 V
RL = 300 kΩ
CL = 10 pF
AV = 1
TA = 25°C
1.12
1.16
1.20
1.24
0
5
10
15
20
30
1.12
1.16
1.20
1.24
1.28
1.28
35
40 45
25
VO
VI
Figure 25
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
Crosstalk in Shutdown
VDD = 1.8 V & 2.4 V
VI = VDD/2
AV = 1
RL= 300 kΩ
TA = 25°C
All Channels
CROSSTALK
vs
FREQUENCY
f – Frequency – Hz
Crosstalk/No Shutdown
Figure 26
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
Forward and Reverse Isolation
SHUTDOWN FORWARD AND
REVERSE ISOLATION
vs
FREQUENCY
f – Frequency – Hz
80
90
100
VDD = 1.8 & 2.4 V
VI = VDD /2
RL = 300 kΩ
CL= 10 pF
AV = +1
TA = 25°C
0
.002
.004
.006
.008
.010
.012
.014
0
0.4
0.8 1.2 1.6
2
2.4 2.8
3.2 3.6
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
SHDN = 0 V
VIN = VDD/2
AV = 1
VDD – Supply Voltage – V
TA = 0°C
TA = 25°C
TA = –40°C
Figure 27
Figure 28
0
.02
.04
.06
.08
.10
.12
–40 –25 –10
5
20
35
50
65
80 85
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VDD = 1.8, 2.4, 3.6 V
SHDN = 0V
VIN = VDD/2
AV = 1
Figure 29
–15
–10
–5
0
5
10
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2
3.6
SHUTDOWN PIN LEAKAGE CURRENT
vs
SHUTDOWN PIN VOLTAGE
Shutdown Pin Voltage – V
15
20
VDD = 3.6 V
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com