Electronic Components Datasheet Search
  English  ▼

X  

TPS65131 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65131
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65131 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65131 Datasheet HTML 1Page - Texas Instruments TPS65131 Datasheet HTML 2Page - Texas Instruments TPS65131 Datasheet HTML 3Page - Texas Instruments TPS65131 Datasheet HTML 4Page - Texas Instruments TPS65131 Datasheet HTML 5Page - Texas Instruments TPS65131 Datasheet HTML 6Page - Texas Instruments TPS65131 Datasheet HTML 7Page - Texas Instruments TPS65131 Datasheet HTML 8Page - Texas Instruments TPS65131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
MIN
NOM
MAX
UNIT
VI
Input voltage range
2.7
5.5
V
TA
Operating free-air temperature range
-40
85
°C
TJ
Operating virtual junction temperature range
-40
125
°C
Over recommended free-air temperature range and over recommended input voltage range, typical at an ambient
temperature of 25
°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC-DC STAGE (VPOS, VNEG)
Adjustable output voltage
VPOS
VIN+ 0.5 V
15
V
range
Adjustable output voltage
VNEG
-15
-2
V
range
VREF
Reference voltage
IREF = 10 µA
1.2
1.213
1.225
V
Positive feedback input
IFBP
VFBP = VREF
50
nA
bias current
Negative feedback input
IFBN
VFBN = 0.1 VREF
50
nA
bias current
Positive feedback regu-
VFBP
VIN = 2.7 V to 5.5 V
1.189
1.213
1.237
V
lation voltage
Negative feedback regu-
VFBN
VIN = 2.7 V to 5.5 V
-0.024
0
0.024
V
lation voltage
Total Output DC accuracy
+3%
VIN = 3.6 V
440
620
Inverter switch
RDS(ONN)
m
Ω
on-resistance
VIN = 5.0 V
330
530
TPS65130 Inverter switch
ILIMN
2.7 V < VIN < 5.5 V
700
800
900
mA
current limit
TPS65131 Inverter switch
ILIM
VIN = 3.6 V
1800
1950
2200
mA
current limit
VPOS = 5 V
230
300
Boost switch
RDS(ONP)
m
Ω
on-resistance
VPOS = 10 V
170
200
TPS65130 Boost switch
ILIMP
2.7 V < VIN < 5.5 V
700
800
900
mA
current limit
TPS65131 Boost switch
ILIMP
VIN = 3.6 V, VPOS = 8.0 V
1800
1950
2200
mA
current limit
Maximum duty cycle boost
DMAXP
87.5%
converter
Maximum duty cycle in-
DMAXN
87.5%
verting converter
Minimum duty cycle boost
DMINP
12.5%
converter
Minimum duty cycle in-
DMINN
12.5%
verting converter
CONTROL STAGE
fS
Oscillator frequency
1250
1380
1500
kHz
VENP,ENN,PSP,PSN
High level input voltage
1.4
V
VENP,ENN,PSP,PSN
Low level input voltage
0.4
V
ENP, ENN, PSP,
IENP,ENN,PSP,PSN
Input current
0.01
0.1
µA
PSN = GND or VIN
RBSW
Output resistance
27
k
Ω
VIN
Input voltage range
2.7
5.5
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com