Electronic Components Datasheet Search
  English  ▼

X  

BCR402W Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BCR402W
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402W Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BCR402W Datasheet HTML 9Page - Infineon Technologies AG BCR402W Datasheet HTML 10Page - Infineon Technologies AG BCR402W Datasheet HTML 11Page - Infineon Technologies AG BCR402W Datasheet HTML 12Page - Infineon Technologies AG BCR402W Datasheet HTML 13Page - Infineon Technologies AG BCR402W Datasheet HTML 14Page - Infineon Technologies AG BCR402W Datasheet HTML 15Page - Infineon Technologies AG BCR402W Datasheet HTML 16Page - Infineon Technologies AG BCR402W Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BCR402W
Typical characteristics
Datasheet
13
Revision 2.0, 2012-04-12
Figure 3-6 Output Current versus R
ext I
out = f(Rext), VS = 10 V, Vout = 7.6 V
Figure 3-7 Output Current versus V
drop I
out = f(Vdrop), VS = 10 V, Vout = 7.6 V
0
10
20
30
40
50
60
10
100
1000
Rext [Ω]
10
-5
10
-4
10
-3
10
-2
10
-1
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
Vdrop [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com