Electronic Components Datasheet Search
  English  ▼

X  

TPS79418 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79418
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79418 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79418 Datasheet HTML 1Page - Texas Instruments TPS79418 Datasheet HTML 2Page - Texas Instruments TPS79418 Datasheet HTML 3Page - Texas Instruments TPS79418 Datasheet HTML 4Page - Texas Instruments TPS79418 Datasheet HTML 5Page - Texas Instruments TPS79418 Datasheet HTML 6Page - Texas Instruments TPS79418 Datasheet HTML 7Page - Texas Instruments TPS79418 Datasheet HTML 8Page - Texas Instruments TPS79418 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
OUT
NC − No internal connection
1
2
3
4
5
DCQ PACKAGE
NR
OUT
GND
IN
EN
2
1
3
4
7
8
6
5
NC
FB
NR
IN
NC
EN
GND
SOT223-6
(TOP VIEW)
DGN PACKAGE
MSOP PowerPAD
(TOP VIEW)
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 10 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
TPS79433
RIPPLE REJECTION
vs
FREQUENCY
90
100 k
1 M
10 M
0
30
50
80
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IOUT = 250 mA
IOUT = 1 mA
COUT = 2.2 µF,
CNR = 0.1 µF,
VIN = 3.8 V
TPS79428
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Frequency (Hz)
100
1000
10000
100000
6
GND
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR
REGULATORS
•
250-mA Low-Dropout Regulator With Enable
The TPS794xx family of low-dropout (LDO) linear
voltage regulators features high power-supply rejec-
•
Available in 1.8 V, 2.5 V, 2.8 V, 3 V, 3.3 V, and
tion ratio (PSRR), ultralow-noise, fast start-up, and
Adjustable (1.2 V to 5.5 V)
excellent line and load transient responses in small
•
High PSRR (60 dB at 10 kHz)
outline, MSOP-8 PowerPAD™ and SOT223-6 pack-
•
Ultralow Noise (32 µVrms, TPS79428)
ages. Each device in the family is stable with a small
2.2-µF ceramic capacitor on the output. The family
•
Fast Start-Up Time (50 µs)
uses an advanced, proprietary BiCMOS fabrication
•
Stable With a 2.2-µF Ceramic Capacitor
process to yield extremely low dropout voltages (e.g.,
•
Excellent Load/Line Transient Response
155 mV at 250 mA). Each device achieves fast
start-up times (approximately 50 µs with a 0.001-µF
•
Very Low Dropout Voltage (155 mV at Full
bypass capacitor) while consuming low quiescent
Load)
current (170 µA typical). Moreover, when the device
•
Available in MSOP-8 and SOT223-6 Packages
is placed in standby mode, the supply current is
reduced to less than 1 µA. The TPS79428 exhibits
approximately 32 µVRMS of output voltage noise at
•
RF: VCOs, Receivers, ADCs
2.8 V output with a 0.1-µF bypass capacitor. Appli-
cations
with
analog
components
that
are
•
Audio
noise-sensitive, such as portable RF electronics,
•
Bluetooth™, Wireless LAN
benefit from the high PSRR and low noise features as
•
Cellular and Cordless Telephones
well as the fast response time.
•
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79418DCQ TI1-TPS79418DCQ Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418DCQ TI2-TPS79418DCQ Datasheet
4Mb / 52P
TPS794 250mA, Low-Dropout Linear Regulator
REVISED DECEMBER 2025
TPS79418DCQR TI1-TPS79418DCQR Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418DCQR TI2-TPS79418DCQR Datasheet
4Mb / 52P
TPS794 250mA, Low-Dropout Linear Regulator
REVISED DECEMBER 2025
TPS79418DCQR.A TI2-TPS79418DCQR.A Datasheet
4Mb / 52P
TPS794 250mA, Low-Dropout Linear Regulator
REVISED DECEMBER 2025
More results

Similar Description - TPS79418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com