Electronic Components Datasheet Search
  English  ▼

X  

TPS79425 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS79425
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79425 Datasheet(HTML) 3 Page - Texas Instruments

  TPS79425 Datasheet HTML 1Page - Texas Instruments TPS79425 Datasheet HTML 2Page - Texas Instruments TPS79425 Datasheet HTML 3Page - Texas Instruments TPS79425 Datasheet HTML 4Page - Texas Instruments TPS79425 Datasheet HTML 5Page - Texas Instruments TPS79425 Datasheet HTML 6Page - Texas Instruments TPS79425 Datasheet HTML 7Page - Texas Instruments TPS79425 Datasheet HTML 8Page - Texas Instruments TPS79425 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
θJA
SOT223
SOT223
4in2 Top Side Only
0.5in2 Top Side Only
53
°C/W
110
°C/W
1
2
CONDITIONS
PACKAGE
PCB AREA
Condition 1
Condition 2
3
2
1
0
0
25
50
75
4
5
6
100
125
150
TA (°C)
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
over operating temperature range unless otherwise noted(1)
VALUE
VIN range
-0.3 V to 6 V
VEN range
-0.3 V to VIN + 0.3 V
VOUT range
-0.3 V to 6 V
Peak output current
Internally limited
ESD rating, HBM
2 kV
ESD rating, CDM
500 V
Continuous total power dissipation
See Dissipation Ratings Table
Junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AIR FLOW
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RθJC(°C/W)
RθJA(°C/W)
(CFM)
POWER RATING
POWER RATING
POWER RATING
0
8.47
55.09
2.27 W
1.45 W
1.18 W
DGN
150
8.21
49.97
2.50 W
1.60 W
1.30 W
250
8.20
48.10
2.60 W
1.66 W
1.35 W
Figure 1. SOT223 Power Dissipation
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com