Electronic Components Datasheet Search
  English  ▼

X  

TRF4900 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF4900
Description  SINGLE-CHIP RF TRANSMITTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF4900 Datasheet HTML 15Page - Texas Instruments TRF4900 Datasheet HTML 16Page - Texas Instruments TRF4900 Datasheet HTML 17Page - Texas Instruments TRF4900 Datasheet HTML 18Page - Texas Instruments TRF4900 Datasheet HTML 19Page - Texas Instruments TRF4900 Datasheet HTML 20Page - Texas Instruments TRF4900 Datasheet HTML 21Page - Texas Instruments TRF4900 Datasheet HTML 22Page - Texas Instruments TRF4900 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TRF4900
SINGLE-CHIP RF TRANSMITTER
SLWS092F – JULY 2000 – REVISED JANUARY 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
external component list for Figure 16 (5% tolerance unless otherwise noted)
DESIGNATOR
DESCRIPTION (SIZE)
VALUE
MANUFACTURER
PART NUMBER/COMMENTS
C1
Capacitor
820 pF
C2
Capacitor
3.9 pF
C4
Capacitor
3.9 pF
C5
Capacitor
0.1
µF
C6
Capacitor
0.1
µF
C14
Capacitor
3.3 pF
C24
Capacitor
27 pF
C25
Capacitor
27 pF
C26
Capacitor
Select at test (SAT), Do not place (DNP)
C32
Capacitor
120 pF
C34
Capacitor
0.1
µF
L1
Coil
6.8 nH
Murata
LQN21A6N8D04
L8
Coil
10 nH
Murata
LQW1608
R1
Resistor
10 k
Ω
R2
Resistor
51
Ω
R3
Resistor
300 k
Ω
R4
Resistor
27 k
Ω
R5
Resistor
100
Ω
R6
Resistor
1 M
Ω
R7
Resistor
10 k
Ω
R8
Resistor
100 k
Ω
R9
Resistor
15
Ω
V1, V2
Varactor diode
SMV1247-079
Alpha Industries
CQ1
Crystal
25.6 MHz or
26 MHz
ICM (International Crystal
Manufacturing, Incorporated)
865842: 25.6 MHz
865850: 26 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com