Electronic Components Datasheet Search
  English  ▼

X  

EM35 Datasheet(PDF) 1 Page - Hirose Electric

Part # EM35
Description  Waterproof Bayonet Lock Connector for Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

EM35 Datasheet(HTML) 1 Page - Hirose Electric

  EM35 Datasheet HTML 1Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Issued: Oct. 21, 2009
ITS-P-09007R
Specifications herein are subject to change without notice. Contact Hirose for latest specifications, drawings or availabilities.
EM Series
Waterproof Bayonet Lock Connector
for Power Supply
Features
1. High current 4 pos. connector (Three-phase power source + ground)
2. Rated current: 50 A per contact (Refer to the derating curve on page 3)
3. Applicable cable conductor size: 8 mm2
4. Easy crimp termination with standard tool
5. Quick and secure bayonet lock
6. Waterproof structure in mated condition [IP67]
7. Sequential ground contact
8. RoHS compliant
Plug + Cable Clamp
Receptacle
Dimensions (EM35)
High Current
Capacity
[Temperature Rise Curve]
0
10
20
30
40
50
60
70
80
90
100
0
1020 30 405060708090 100 110 120 130
Ambient Temperature (˚C)
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
50607080
90 100 110 120 130
Temperature Rise (˚C)
[Derating Curve (Basic Curve)]
Measuring Method:
Serially connect 3
contacts except for
the grounding contact
with 8 mm2 wire. Plug
is sealed to provide
water tightness.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - EM35

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM3503 EATON-EM3503 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM350302 EATON-EM350302 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM350303 EATON-EM350303 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM350304 EATON-EM350304 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM350305 EATON-EM350305 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM35

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
Bayonet-Lock Type Single-Conductor Optical Connector
logo
Hirose Electric
HR34B-12WPA-10S-X HIROSE-HR34B-12WPA-10S-X Datasheet
496Kb / 10P
Push-on Bayonet Lock Miniature Waterproof Connector
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Assmann Electronics Inc...
A-P03RMFS-LC7-2-R ASSMANN-A-P03RMFS-LC7-2-R Datasheet
61Kb / 1P
Waterproof Power Connector Panel Lock,
A-P03RMMS-LC7-2-R ASSMANN-A-P03RMMS-LC7-2-R Datasheet
62Kb / 1P
Waterproof Power Connector Panel Lock,
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
Compact Bayonet Lock Coaxial Connector
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Hirose Electric
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
Small, Waterproof, Push-On Bayonet Lock Connectors
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
Push-on Bayonet Lock Miniature Waterproof Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com