Electronic Components Datasheet Search
  English  ▼

X  

UCC2540 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2540
Description  HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2540 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC2540 Datasheet HTML 17Page - Texas Instruments UCC2540 Datasheet HTML 18Page - Texas Instruments UCC2540 Datasheet HTML 19Page - Texas Instruments UCC2540 Datasheet HTML 20Page - Texas Instruments UCC2540 Datasheet HTML 21Page - Texas Instruments UCC2540 Datasheet HTML 22Page - Texas Instruments UCC2540 Datasheet HTML 23Page - Texas Instruments UCC2540 Datasheet HTML 24Page - Texas Instruments UCC2540 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
UCC2540
SLUS539A − JUNE 2004 − REVISED AUGUST 2004
21
www.ti.com
APPLICATION INFORMATION
UDG−04038
Drive (7.2 V)
Regulator
VREF (3.3 V)
Regulator
Predictive
Logic
16
13
2
VDD
VDRV
VREF
BST
19
18
20
17
14
12
15
G1
SWS
SW
G2
G2S
PGND
High−Side
Driver
Low−Side
Driver
C1
D1
C2
C3
C4
Q1
Q2
D2
Vin
0 V
Rectified Bias
UCC2540
8.5 V
≤ VVDD ≤ 35 V
8.5 V
≤ VIN ≤ 35 V
Figure 13. Mode 1 With Rectified Biasing for Input Voltages Between 8.5 V and 35 V
Drive (7.2 V)
Regulator
VREF (3.3 V)
Regulator
Predictive
Logic
16
13
2
VDD
VDRV
VREF
BST
19
18
20
17
14
12
15
G1
SWS
SW
G2
G2S
PGND
High−Side
Driver
Low−Side
Driver
C1
D1
C2
C3
C4
Q1
Q2
Vin
0 V
AUX Bias
UCC2540
UDG−04039
8.5 V
≤ VVDD ≤ 35 V
0 V
≤ VIN ≤ 35 V
Figure 14. Mode 1 With Auxiliary Biasing for Bias Voltages Between 8.5 V and 35 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com